Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772AST Datasheet(PDF) 4 Page - Analog Devices

Part # AD9772AST
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772AST Datasheet(HTML) 4 Page - Analog Devices

  AD9772AST Datasheet HTML 1Page - Analog Devices AD9772AST Datasheet HTML 2Page - Analog Devices AD9772AST Datasheet HTML 3Page - Analog Devices AD9772AST Datasheet HTML 4Page - Analog Devices AD9772AST Datasheet HTML 5Page - Analog Devices AD9772AST Datasheet HTML 6Page - Analog Devices AD9772AST Datasheet HTML 7Page - Analog Devices AD9772AST Datasheet HTML 8Page - Analog Devices AD9772AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
REV. 0
–4–
AD9772–SPECIFICATIONS
DIGITAL SPECIFICATIONS
(TMIN to TMAX, AVDD = +3 V, CLKVDD = +3 V, PLLVDD = +0 V, DVDD = +3 V, IOUTFS = 20 mA, unless
otherwise noted)
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage
2.1
3
V
Logic “0” Voltage
0
0.9
V
Logic “1” Current
1
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
CLOCK INPUTS
Input Voltage Range
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
PLL CLOCK ENABLED—FIGURE 1a
Input Setup Time (tS)
1.0
ns
Input Hold Time (tH)
2.5
ns
Latch Pulsewidth (tLPW)
1.5
ns
PLL CLOCK DISABLED—FIGURE 1b
Input Setup Time (tS)
1.0
ns
Input Hold Time (tH)
2.5
ns
Latch Pulsewidth (tLPW)
1.5
ns
CLK/PLLLOCK Delay (tOD)
5
ns
NOTES
1MOD1 and MOD0 have typical input currents of 120
µA while SLEEP has a typical input current of 15 µA.
Specifications subject to change without notice.
tS
0.025%
0.025%
DB0–DB13
CLK+ – CLK–
IOUTA
OR
IOUTB
tH
tLPW
tPD
tST
Figure 1a. Timing Diagram—PLL Clock Multiplier Enabled
tS
DB0–DB13
0.025%
0.025%
IOUTA
OR
IOUTB
tOD
PLLLOCK
CLK+ – CLK–
tH
tLPW
tPD
tST
Figure 1b. Timing Diagram—PLL Clock Multiplier Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com