Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772AST Datasheet(PDF) 13 Page - Analog Devices

Part # AD9772AST
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772AST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9772AST Datasheet HTML 9Page - Analog Devices AD9772AST Datasheet HTML 10Page - Analog Devices AD9772AST Datasheet HTML 11Page - Analog Devices AD9772AST Datasheet HTML 12Page - Analog Devices AD9772AST Datasheet HTML 13Page - Analog Devices AD9772AST Datasheet HTML 14Page - Analog Devices AD9772AST Datasheet HTML 15Page - Analog Devices AD9772AST Datasheet HTML 16Page - Analog Devices AD9772AST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
REV. 0
AD9772
–13–
“Zero Stuffing” Option Description
As shown in Figure 25, a “zero” or null in the frequency re-
sponses (after interpolation and DAC reconstruction) occurs at
the final DAC update rate (i.e., 2
× f
DATA) due to the DAC’s
inherent sin(x)/x roll-off response. In baseband applications, this
roll-off in the frequency response may not be as problematic
since much of the desired signal energy remains below fDATA/2
and the amplitude variation is not as severe. However, in direct
IF applications interested in extracting an image above fDATA/2,
this roll-off may be problematic due to the increased passband
amplitude variation as well as the reduced signal level of the
higher images.
FREQUENCY –
fDATA
0
–10
–40
0
4
0.5
1
1.5
2
2.5
3
3.5
–20
–30
WITH
"ZERO-STUFFING"
WITHOUT
"ZERO-STUFFING"
BASEBAND
REGION
Figure 25. Effects “Zero-Stuffing” on DAC’s Sin(x)/x
Response
For instance, if the digital data into the AD9772 represented a
baseband signal centered around fDATA/4 with a passband of
fDATA/10, the reconstructed baseband signal out of the AD9772
would experience only a 0.18 dB amplitude variation over its
passband with the “1st image” occurring at 7/4 fDATA with 17 dB
of attenuation relative to the fundamental. However, if the high-
pass filter response was selected, the AD9772 would now pro-
duce pairs of images at [(2N + 1)
× f
DATA]
± f
DATA/4 where N =
0, 1 . . .. Note, due to the DAC’s sin(x)/x response, only the
lower or upper sideband images centered around fDATA may be
useful although they would be attenuated by –2.1 dB and
–6.54 dB respectively as well as experience a passband ampli-
tude roll-off of 0.6 dB and 1.3 dB.
To improve upon the passband flatness of the desired image
and/or to extract higher images (i.e., 3
× f
DATA
± f
FUNDAMENTAL)
the “zero-stuffing” option should be employed by bringing the
MOD1 pin HIGH. This option increases the effective DAC
update rate by another factor of two since a “midscale” sample
(i.e., 10 0000 0000 0000) is inserted after every data sample
originating from the 2
× interpolation filter. A digital multiplexer
switching at a rate of 4
× f
DATA between the interpolation filter’s
output and a data register containing the “midscale” data sample is
used to implement this option as shown in Figure 24. Hence,
the DAC output is now forced to return to its differential mid-
scale current value (i.e., IOUTA–IOUTB
≅ 0 mA) after recon-
structing each data sample from the digital filter.
The net effect is to increase the DAC update rate such that the
“zero” in the sin(x)/x frequency response now occurs at 4
×
fDATA along with a corresponding reduction in output power as
shown in Figure 25. Note, if the 2
× interpolation filter’s high
pass response is also selected, this action can be modeled as a
“1/4 wave” digital mixing process since this is equivalent to
digitally mixing the impulse response of the low-pass filter with
a square wave having a frequency of exactly fDATA (i.e., fDAC/4).
It is important to realize that the “zero stuffing” option by itself
does not change the location of the images but rather their signal
level, amplitude flatness and relative weighting. For instance, in
the previous example, the passband amplitude flatness of the
lower and upper sideband images centered around fDATA are
improved to 0.14 dB and 0.24 dB respectively, while the signal
level has changed to –6.5 dBFS and –7.5 dBFS. The lower or
upper sideband image centered around 3
× f
DATA will exhibit an
amplitude flatness of 0.77 dB and 1.29 dB with signal levels of
approximately –14.3 dBFS and –19.2 dBFS.
PLL CLOCK MULTIPLIER OPERATION
The Phase Lock Loop (PLL) clock multiplier circuitry along
with the clock distribution circuitry can produce the neces-
sary internally synchronized 1
× , 2× , and 4× clocks for the edge
triggered latches, 2
× interpolation filter, “zero stuffing” multi-
plier, and DAC. Figure 26 shows a functional block diagram of
the PLL clock multiplier, which consists of a phase detector, a
charge pump, a voltage controlled oscillator (VCO), a prescaler,
and digital control inputs/outputs. The clock distribution
circuitry generates all the internal clocks for a given mode of
operation. The charge pump and VCO are powered from
PLLVDD while the differential clock input buffer, phase detec-
tor, prescaler and clock distribution circuitry are powered from
CLKVDD. To ensure optimum phase noise performance from
the PLL clock multiplier and clock distribution circuitry,
PLLVDD and CLKVDD must originate from the same clean
analog supply.
EXT/INT
CLOCK CONTROL
PRESCALER
CHARGE
PUMP
PHASE
DETECTOR
CLKVDD
OUT1
CLKCOM
CLK+
LPF
PLL
VDD
392
1.0 F
+2.7V TO
+3.6V
PLL
COM
CLOCK
DISTRIBUTION
+
PLLLOCK
CLK–
VCO
AD9772
Figure 26. Clock Multiplier with PLL Clock Multiplier
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com