Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73Z2HTTC Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK73Z2HTTC
Description  zero ohm jumper chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73Z2HTTC Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK73Z2HTTC Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73Z2HTTC Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
features
• Silver element
• Marking: White “000” on black protective coat
1F black with no marking
1H and 1E sizes are green with no marking
1J has white “0” marking
• Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
• AEC-Q200 Qualified: 0402(1E), 0603(1J), 0805(2A),
1206(2B), 1210(2E), 2010(2H/W2H), 2512(3A/W3A)
ordering information
T: Sn
(1F, 1H, 1E, 1J, 2A,
2B, 2E, 2H, 3A)
Contact factory for
below options:
L: SnPb
(1E, 1J, 2A, 2B, 2E,
2H, 3A only)
G: Au
(1E, 1J, 2A)
1F
1H
1E
1J
2A
2B
2E
W2H
W3A
2H
3A
TX: 01005 only: 4mm width - 1mm pitch embossed plastic
TBL: 01005 only: 2mm pitch pressed paper
TA: 0201 only: 1mm pitch pressed paper
TC: 0201 only: 7" 2mm pitch pressed paper
(TC: 10,000 pcs/reel, TCM: 15,000 pcs/reel)
TCD: 0201 only: 10" 2mm pitch pressed paper
TPL: 0402 only: 2mm pitch punch paper
TP: 0402, 0603, 0805: 7" 2mm pitch punch paper
TD: 0603, 0805, 1206, 1210:7" 4mm pitch punched paper
TDD: 0603, 0805, 1206, 1210: 10" paper tape
TE: 0805, 1206, 1210, 2010 & 2512: 7" embossed plastic
TED: 0805, 1206, 1210, 2010 & 2512: 10" embossed plastic
For further information on packaging, please refer to Appendix A
RK73Z
Type
Size
Termination
Material
Packaging
New Part #
2B
TD
T
RK73Z
zero ohm jumper chip resistor
32
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/10/13
dimensions and construction
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
Type
L
1H
(0201)
.024±.001
(0.6±0.03)
.039 +.004
-.002
(1.0 +0.1 )
-0.05
.01 +.002
-.004
(0.25 +0.05)
-0.1
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.012±.001
(0.3±0.03)
.004±.002
(0.1±0.05)
.006±.002
(0.15±0.05)
.009±.001
(0.23±0.03)
1F
(01005)
.016±.0008
(0.4±0.02)
.079±.0008
(0.2±0.02)
.004±.001
(0.10±0.03)
.004±.001
(0.11±0.03)
.005±.0008
(0.13±0.02)
.014±.002
(0.35±0.05)
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.008±.004
(0.2±0.1)
.012±.004
(0.3±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.102±.008
(2.6±0.2)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.031±.004
(0.8±0.1)
.02±.002
(0.5±0.05)
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
1E
(0402)
1J
(0603)
2A
(0805)
2B
(1206)
W2H
(2010)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
2H
(2010)
W3A
(2512)
.122±.008
(3.1±0.2)
.248±.008
(6.3±0.2)
3A
(2512)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
2E
(1210)
EU
.026±.006
(0.65±0.15)
.026±.006
(0.65±0.15)


Similar Part No. - RK73Z2HTTC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73Z2HLTA KOA-RK73Z2HLTA Datasheet
88Kb / 2P
zero ohm jumper chip resistor
RK73Z2HLTBL KOA-RK73Z2HLTBL Datasheet
88Kb / 2P
zero ohm jumper chip resistor
RK73Z2HLTC KOA-RK73Z2HLTC Datasheet
88Kb / 2P
zero ohm jumper chip resistor
RK73Z2HLTCD KOA-RK73Z2HLTCD Datasheet
88Kb / 2P
zero ohm jumper chip resistor
RK73Z2HLTD KOA-RK73Z2HLTD Datasheet
88Kb / 2P
zero ohm jumper chip resistor
More results

Similar Description - RK73Z2HTTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
01-Aug-02
logo
KOA Speer Electronics, ...
RK73Z1EL KOA-RK73Z1EL Datasheet
88Kb / 2P
zero ohm jumper chip resistor
CNZ1HAT KOA-CNZ1HAT Datasheet
98Kb / 2P
zero ohm jumper resistor array
logo
RFE international
ZR25R-0R0-W RFE-ZR25R-0R0-W Datasheet
86Kb / 1P
HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE
logo
KOA Speer Electronics, ...
CNZ1J4ATTD KOA-CNZ1J4ATTD Datasheet
259Kb / 2P
zero ohm jumper resistor array
logo
Vishay Siliconix
WSL0805 VISHAY-WSL0805 Datasheet
51Kb / 1P
WSL TYPE ZERO OHM JUMPER
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
zero ohm melf resistor
CNZ KOA-CNZ Datasheet
386Kb / 2P
zero ohm jumper resistor array
RK73Z KOA-RK73Z Datasheet
364Kb / 2P
zero ohm jumper chip resistor
logo
Stackpole Electronics, ...
CD_SERIES SEI-CD_SERIES Datasheet
265Kb / 4P
Zero Ohm Resistor
4/5/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com