Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9802 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9802
Description  CCD Signal Processor For Electronic Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9802 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9802 Datasheet HTML 9Page - Analog Devices AD9802 Datasheet HTML 10Page - Analog Devices AD9802 Datasheet HTML 11Page - Analog Devices AD9802 Datasheet HTML 12Page - Analog Devices AD9802 Datasheet HTML 13Page - Analog Devices AD9802 Datasheet HTML 14Page - Analog Devices AD9802 Datasheet HTML 15Page - Analog Devices AD9802 Datasheet HTML 16Page - Analog Devices AD9802 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9802
–13–
REV. 0
Input Configurations
Input
JP1
JP2
JP3
JP4
JP5
JP8
JP9
JP10
Standard CCD Input
J8
open
short
open
open
open
open
short
open
Grounded Input Test
none
open
short
open
short
open
open
short
open
Buffered Input*
J9
open
short
open
open
short
open
short
open
Direct ADC Input
J9
[
... don’t care...
]
short
open
short
(9802 only)
*When using the buffer amplifier,
±5 V must be connected to AVCC and AVSS, and R4 should be removed.
Jumper Descriptions
JP1
Connect to bypass the input coupling capacitor C18.
JP2
Connect to short PIN and DIN (Pins 26 and 27 of the
AD9801) together.
JP3
Connects PIN to the dc level set by the wiper of R1.
JP4
Connect to short the input coupling capacitor to ground,
for test purposes.
JP5
Connects the output of the buffer amplifier to the
AD9801/AD9802 input.
JP6
Connects the AD9801/AD9802’s DRVDD pin to the
VDD supply through ferrite bead FB6.
JP7
Connects the AD9801/AD9802’s DRVDD pin to the
+3D supply.
JP8
Connects the output of the AD8047 op amp to the
direct ADC input of the AD9802. This jumper should
never be connected on the AD9801-EB.
JP9
Selects the regular camera mode of operation on the
AD9802. This jumper should always be in place on the
AD9801-EB.
JP10
Selects the direct ADC input mode on the AD9802.
This jumper should never be connected on the
AD9801-EB.
Test Point Descriptions
TP1
Input signal at J8.
TP2
Input signal at PIN/DIN of AD9801/AD9802.
TP3
PGACONT1 voltage.
TP4
PGACONT2 voltage.
TP5
STANDBY pin, pull high to enable power-down mode.
TP6
CLPDM at AD9801/AD9802.
TP7
SHD at AD9801/AD9802.
TP8
SHP at AD9801/AD9802.
TP9
CLPOB at AD9801/AD9802.
TP10 PBLK at AD9801/AD9802.
TP11 ADCCLK at AD9801/AD9802.
TP12 VDD
TP13 AVCC
TP14 AVSS
TP15 AGND
TP16 DGND
TP17 +3D
TP18 +3/5D
Prototype Area
The top left hole in the prototyping area is connected to
AGND. The bottom right hole is connected to AVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com