Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9802 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9802
Description  CCD Signal Processor For Electronic Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9802 Datasheet(HTML) 2 Page - Analog Devices

  AD9802 Datasheet HTML 1Page - Analog Devices AD9802 Datasheet HTML 2Page - Analog Devices AD9802 Datasheet HTML 3Page - Analog Devices AD9802 Datasheet HTML 4Page - Analog Devices AD9802 Datasheet HTML 5Page - Analog Devices AD9802 Datasheet HTML 6Page - Analog Devices AD9802 Datasheet HTML 7Page - Analog Devices AD9802 Datasheet HTML 8Page - Analog Devices AD9802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. 0
AD9802–SPECIFICATIONS
(TMIN to TMAX with ACVDD = 3.15 V, ADVDD = 3.15 V, DVDD = 3.15 V, DRVDD = 3.15 V
unless otherwise noted)
Parameter
Min
Typ
Max
Units
TEMPERATURE RANGE
Operating
0
70
°C
Storage
–65
150
°C
POWER SUPPLY VOLTAGE (For Functional Operation)
ACVDD
3.00
3.15
3.50
V
ADVDD
3.00
3.15
3.50
V
DVDD
3.00
3.15
3.50
V
DRVDD
3.00
3.15
3.50
V
POWER SUPPLY CURRENT
ACVDD
39.5
mA
ADVDD
14.6
mA
DVDD
4.7
mA
DRVDD
0.07
mA
POWER CONSUMPTION
Normal Operation
185
mW
Power-Down Mode
15
mW
MAXIMUM SHP, SHD, ADCCLK RATE
18
MHz
ADC
Resolution
10
Bits
Differential Nonlinearity
±0.5
LSBs
No Missing Codes
GUARANTEED
ADCCLK Rate
18
MHz
Reference Top Voltage
1.75
V
Reference Bottom Voltage
1.25
V
Input Range
1.0
V p-p
CDS
Maximum Input Signal
500
mV p-p
Pixel Rate
18
MHz
PGA
1
Maximum Gain
31.5
dB
High Gain
14.5
19
23.5
dB
Medium Gain
1.0
4.0
7.0
dB
Minimum Gain
–4.0
0
+4
dB
CLAMP (During CLPOB. Only Stable over PGA Range 0.3 V to 2.7 V)
Average Black Level
32
LSBs
Pixel-to-Pixel Offset (See Black Level Clamping for Description)
2
8
LSBs
NOTES
1PGA test conditions: maximum gain PGACONT1 = 2.7 V, PGACONT2 = 1.5 V; high gain PGACONT1 = 2.0 V, PGACONT2 = 1.5 V; medium gain PGACONT1 =
0.5 V, PGACONT2 = 1.5 V; minimum gain PGACONT1 = 0.3 V, PGACONT2 = 1.5 V.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
LOGIC INPUTS
High Level Input Voltage
VIH
2.4
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage
VOH
2.4
V
Low Level Output Voltage
VOL
0.6
V
IOH
50
µA
IOL
50
µA
(TMIN to TMAX with ACVDD = 3.15 V, ADVDD = 3.15 V, DVDD = 3.15 V, DRVDD = 3.15 V unless otherwise
noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com