Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9814 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9814
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9814 Datasheet(HTML) 2 Page - Analog Devices

  AD9814 Datasheet HTML 1Page - Analog Devices AD9814 Datasheet HTML 2Page - Analog Devices AD9814 Datasheet HTML 3Page - Analog Devices AD9814 Datasheet HTML 4Page - Analog Devices AD9814 Datasheet HTML 5Page - Analog Devices AD9814 Datasheet HTML 6Page - Analog Devices AD9814 Datasheet HTML 7Page - Analog Devices AD9814 Datasheet HTML 8Page - Analog Devices AD9814 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REV. 0
–2–
AD9814–SPECIFICATIONS
ANALOG SPECIFICATIONS
J-Grade
K-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units
CONVERSION RATE
3-Channel Mode with CDS
6
10
6
10
MSPS
1-Channel Mode with CDS
6
7
6
7
MSPS
ACCURACY (Entire Signal Path)
ADC Resolution
14
14
Bits
Integral Nonlinearity
1 (INL)
+2.5/–6.0
+2.5/–6.0
±11.0
LSB
INL @ 10 MHz
+4.0/–7.0
+4.0/–7.0
LSB
Differential Nonlinearity (DNL)
+0.6/–0.5
+0.6/–0.5
±1.0
LSB
DNL @ 10 MHz
+0.8/–0.6
+0.8/–0.6
LSB
No Missing Codes Guaranteed
13
14
Bits
Offset Error
–12
–12
±104
mV
Gain Error
2
2.2
2.2
±5.3
% FSR
ANALOG INPUTS
Input Signal Range
3
4.0
4.0
V p-p
Allowable Reset Transient
3
1.0
1.0
V
Input Limits
4
AVSS – 0.3
AVDD + 0.3
AVSS – 0.3
AVDD + 0.3
V
Input Capacitance
10
10
pF
Input Bias Current
10
10
nA
AMPLIFIERS
PGA Gain at Minimum
1
1
V/V
PGA Gain at Maximum
5.8
5.8
V/V
PGA Resolution
64
64
Steps
PGA Monotonicity
Guaranteed
Guaranteed
Programmable Offset at Minimum
–300
–300
mV
Programmable Offset at Maximum
+300
+300
mV
Programmable Offset Resolution
512
512
Steps
Programmable Offset Monotonicity
Guaranteed
Guaranteed
NOISE AND CROSSTALK
Input Referred Noise @ PGA Min
130
130
µV rms
Total Output Noise @ PGA Min
0.55
0.55
LSB rms
Input Referred Noise @ PGA Max
84
84
µV rms
Total Output Noise @ PGA Max
2.0
2.0
LSB rms
Channel-Channel Crosstalk
<1
<1
LSB
POWER SUPPLY REJECTION
AVDD = +5 V
± 0.25 V
0.07
0.07
0.3
% FSR
Differential VREF (@ +25
°C)
CAPT-CAPB (4 V Input Range)
2.0
1.9
2.0
2.1
V
CAPT-CAPB (2 V Input Range)
1.0
0.94
1.0
1.06
V
TEMPERATURE RANGE
Operating
0
+70
0
+70
°C
Storage
–65
+150
–65
+150
°C
POWER SUPPLIES
AVDD
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
V
DRVDD
+3.0
+5.0
+5.25
+3.0
+5.0
+5.25
V
Total Operating Current
AVDD
64
64
80
mA
DRVDD
1.8
1.8
10
mA
Power-Down Mode Current
150
150
µA
Power Dissipation
330
330
450
mW
Power Dissipation @ 10 MHz
355
355
mW
Power Dissipation (1-Channel Mode)
220
220
265
mW
(TMIN to TMAX, AVDD = +5 V, DRVDD = +5 V, 3-Channel CDS Mode, fADCCLK = 6 MHz, fCDSCLK1 = fCDSCLK2 =
2 MHz, PGA Gain = 1, Input Range = 4 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com