Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9814 Datasheet (PDF) - Analog Devices

AD9814 Datasheet PDF - Analog Devices
Part # AD9814
Download  AD9814 Download
File Size   160.33 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 14-Bit CCD/CIS Signal Processor

AD9814 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9814 Datasheet PDF - Analog Devices

Part # AD9814
Download  AD9814 Click to download

File Size   160.33 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 14-Bit CCD/CIS Signal Processor

AD9814 Datasheet (HTML) - Analog Devices


AD9814 Product details

PRODUCT DESCRIPTION
The AD9814 is a complete analog signal processor for CCD imaging applications. It features a 3-channel architecture designed to sample and condition the outputs of trilinear color CCD arrays. Each channel consists of an input clamp, Correlated Double Sampler (CDS), offset DAC and Programmable Gain Amplifier (PGA), multiplexed to a high performance 14- bit A/D converter.
   
FEATURES
    14-Bit 10 MSPS A/D Converter
    No Missing Codes Guaranteed
    3-Channel Operation Up to 10 MSPS
    1-Channel Operation Up to 7 MSPS
    Correlated Double Sampling
    1-6x Programmable Gain
    ±300 mV Programmable Offset
    Input Clamp Circuitry
    Internal Voltage Reference
    Multiplexed Byte-Wide Output (8+6 Format)
    3-Wire Serial Digital Interface
    +3/+5 V Digital I/O Compatibility
    28-Lead SOIC Package
    Low Power CMOS: 330 mW (Typ)
    Power-Down Mode: <1 mW
   
APPLICATIONS
    Flatbed Document Scanners
    Film Scanners
    Digital Color Copiers
    Multifunction Peripherals
   




Similar Part No. - AD9814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
23-Feb-2017
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
23-Feb-2017
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV. 0
More results


Similar Description - AD9814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9822 AD-AD9822 Datasheet
150Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.A
logo
Burr-Brown (TI)
VSP3100 BURR-BROWN-VSP3100 Datasheet
195Kb / 18P
14-Bit, 10MHz CCD/CIS SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
logo
Analog Devices
AD80066 AD-AD80066 Datasheet
427Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
REV. A
AD9822JRZ AD-AD9822JRZ Datasheet
474Kb / 20P
Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S Datasheet
121Kb / 7P
14-Bit CCD/CIS Signal Processor
REV. D
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
23-Feb-2017
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
4/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com