Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9822JRZ Datasheet (PDF) - Analog Devices

AD9822JRZ Datasheet PDF - Analog Devices
Part # AD9822JRZ
Download  AD9822JRZ Download
File Size   474.43 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 14-Bit CCD/CIS Signal Processor

AD9822JRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9822JRZ Datasheet PDF - Analog Devices

Part # AD9822JRZ
Download  AD9822JRZ Click to download

File Size   474.43 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 14-Bit CCD/CIS Signal Processor

AD9822JRZ Datasheet (HTML) - Analog Devices


AD9822JRZ Product details

GENERAL DESCRIPTION
The AD9822 is a complete analog signal processor for CCD imaging applications. It features a 3-channel architecture designed to sample and condition the outputs of trilinear color CCD arrays. Each channel consists of an input clamp, correlated double sampler (CDS), offset DAC, and programmable gain amplifier (PGA) multiplexed to a high performance 14-bit ADC.
The CDS amplifiers may be disabled for use with sensors such as contact image sensors (CIS) and CMOS active pixel sensors, which do not require CDS.
The 14-bit digital output is multiplexed into an 8-bit output word that is accessed using two read cycles. The internal registers are programmed through a 3-wire serial interface and provide adjustment of the gain, offset, and operating mode.
The AD9822 operates from a single 5 V power supply, consumes 385 mW of power typically, and is packaged in a 28-lead SOIC or SSOP.

FEATURES
  14-bit 15 MSPS ADC
  No missing codes guaranteed
  3-channel operation up to 15 MSPS
  1-channel operation up to 12.5 MSPS
  Correlated double sampling
  1–6× programmable gain
  ±350 mV programmable offset
  Input clamp circuitry
  Internal voltage reference
  Multiplexed byte-wide output (8 + 6 format)
  3-wire serial digital interface
  3 V/5 V digital I/O compatibility
  28-Lead SOIC or SSOP
  Low power CMOS: 385 mW (typ)
  Power-down mode: <1 mW
 
APPLICATIONS
  Flatbed document scanners
  Film scanners
  Digital color copiers
  Multifunction peripherals




Similar Part No. - AD9822JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9822JR AD-AD9822JR Datasheet
150Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.A
AD9822JRS AD-AD9822JRS Datasheet
150Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.A
More results


Similar Description - AD9822JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.A
logo
Burr-Brown (TI)
VSP3100 BURR-BROWN-VSP3100 Datasheet
195Kb / 18P
14-Bit, 10MHz CCD/CIS SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
logo
Analog Devices
AD80066 AD-AD80066 Datasheet
427Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
REV. A
AD9814S AD-AD9814S Datasheet
121Kb / 7P
14-Bit CCD/CIS Signal Processor
REV. D
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
23-Feb-2017
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
Complete 16-Bit CCD/CIS Signal Processor
4/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com