Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V14 Datasheet (PDF) - Holtek Semiconductor Inc

HT82V14 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V14
Download  HT82V14 Download
File Size   115.55 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 14-Bit CCD/CIS Analog Signal Processor

HT82V14 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V14 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V14
Download  HT82V14 Click to download

File Size   115.55 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 14-Bit CCD/CIS Analog Signal Processor

HT82V14 Datasheet (HTML) - Holtek Semiconductor Inc


HT82V14 Product details

General Description
The HT82V14 is a complete analog signal processor for CCD imaging applications. It features a 3-channel architecture designed to sample and condition the outputs of the trilinear color CCD arrays. Each channel consists of an input clamp, Correlated Double Sampler (CDS), offset DAC and Programmable Gain Amplifier (PGA), multiplexed to a high performance 14-bit A/D converter.

Features
● Low power CMOS : 350 mW
● 9 ADC clock latency for digital data output
● 14-bit 6 MSPS A/D converter
● 3-channel correlated double sampler
● 1~6 programmable gain
● Input clamp circuitry for CDS-mode
● Internal/external circuitfor CIS
● Internal/external voltage reference
● Internal MUX for channel operation
● 1 or 3-channel operation
● Pixel-rate or line-rate switch operation
● Programmable 3-wire serial interface
● +5V digital I/O compatibility
● 28-pin SOP/SOJ package




Similar Part No. - HT82V14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
More results


Similar Description - HT82V14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9814 AD-AD9814 Datasheet
160Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.0
AD9822 AD-AD9822 Datasheet
150Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV.A
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Analog Devices
AD9822JRZ AD-AD9822JRZ Datasheet
474Kb / 20P
Complete 14-Bit CCD/CIS Signal Processor
REV. B
AD9814S AD-AD9814S Datasheet
121Kb / 7P
14-Bit CCD/CIS Signal Processor
REV. D
AD9814 AD-AD9814_15 Datasheet
163Kb / 15P
Complete 14-Bit CCD/CIS Signal Processor
REV. 0
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
Complete 14-Bit CCD/CIS Signal Processor
REV. B
logo
Holtek Semiconductor In...
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
logo
Analog Devices
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
23-Feb-2017
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com