Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V14 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V14
Description  14-Bit CCD/CIS Analog Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V14 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Power Supplies
AVDD
5V±10%
¾
4.75
¾
5.25
V
DRVDD
5V±10%
¾
4.75
¾
5.25
V
Power Consumption
Power Consumption
5V±10%
¾¾
350
¾
mW
Digital Specifications
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
Logic Inputs
VIH
High Level Input Voltage
3.3V~5V
¾
2.0
¾¾
V
VIL
Low Level Input Voltage
3.3V~5V
¾¾
¾
0.8
V
IIH
High Level Input Current
3.3V~5V
¾¾
10
¾mA
IIL
Low Level Input Current
3.3V~5V
¾¾
10
¾mA
CIN
Input Capacitance
3.3V~5V
¾¾
10
¾
pF
Logic Outputs
VOH
High Level Output Voltage
3.3V~5V IOH=50mA
4.5
4.9
¾
V
VOH
High Level Output Voltage
3.3V~5V IOH=0.5mA
2.4
¾¾
V
VOL
Low Level Output Voltage
3.3V~5V IOL=-50mA
¾¾
0.1
V
VOL
Low Level Output Voltage
3.3V~5V IOL=-0.6mA
¾¾
0.4
V
COUT
Output Capacitance
3.3V~5V
¾¾
5
¾
pF
HT82V14
4
July 12, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com