Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V14 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V14
Description  14-Bit CCD/CIS Analog Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V14 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1
CDSCLK1
DI
CDS reset clock pulse input
2
CDSCLK2
DI
CDS data clock pulse input
3
ADCCLK
DI
A/D sample clock input for 3-channels mode
4OE
DI
Output enable
5
DRVDD
¾
Digital driver power
6
DRVSS
¾
Digital driver ground
14~7
D0~D13
DO
Digital data output
15
SDATA
DIO
Serial data input/output
16
SCLK
DI
Clock input for serial interface
17
CS
DI
Chip select
18, 27
AVSS
¾
Analog ground
19, 28
AVDD
¾
+5V analog supply
20
REF
AO
Reference decoupling
21
REFT
AO
Reference decoupling
22
BIN
AI
Analog Input, blue
23
CML
AO
Internal reference output
24
GIN
AI
Analog Input, green
25
OFFSET
AO
CIS reference decoupling
26
RIN
AI
Analog input, red
HT82V14
2
July 12, 2000
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AV D D
AV SS
RI N
OFF S E T
GI N
CM L
BI N
RE FT
RE F
AV SS
AV D D
SL O A D
SC L K
SD AT A
CDS CL K 1
CDS CL K 2
AD C C L K
OE
DRV DD
DRV S S
D 13/ D 5
D 12/ D 4
D 11/ D 3
D 10/ D 2
D9 / D 1
D8 / D 0
D7
D6
HT 8 2 V 1 4
2 8 S O P /S O J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com