Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9822JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9822JRZ
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD9822JRZ Datasheet HTML 1Page - Analog Devices AD9822JRZ Datasheet HTML 2Page - Analog Devices AD9822JRZ Datasheet HTML 3Page - Analog Devices AD9822JRZ Datasheet HTML 4Page - Analog Devices AD9822JRZ Datasheet HTML 5Page - Analog Devices AD9822JRZ Datasheet HTML 6Page - Analog Devices AD9822JRZ Datasheet HTML 7Page - Analog Devices AD9822JRZ Datasheet HTML 8Page - Analog Devices AD9822JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD9822
Rev. B | Page 3 of 20
SPECIFICATIONS
ANALOG SPECIFICATIONS
TMIN to TMAX, AVDD = 5 V, DRVDD = 5 V, CDS mode, fADCCLK = 15 MHz, fCDSCLK1 = fCDSCLK2 = 5 MHz, PGA gain = 1, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
MAXIMUM CONVERSION RATE
3-Channel Mode with CDS
15
MSPS
1-Channel Mode with CDS
12.5
MSPS
ACCURACY (ENTIRE SIGNAL PATH)
ADC Resolution
14
Bits
Integral Nonlinearity (INL)
−17.0/+3.5
LSB
INL @ 6 MHz
−10.5/+1.5
LSB
Differential Nonlinearity (DNL)
−0.65/+0.75
LSB
DNL @ 6 MHz
−1.0
−0.6/+0.65
+1.1
LSB
No Missing Codes
14
Bits
No Missing Codes @ 6 MHz
14
Bits
Offset Error
−240
−19
+200
mV
Gain Error
−1.4
+3.5
+6.9
% FSR
ANALOG INPUTS
Input Signal Range1
2.0
V p-p
Allowable Reset Transient1
1.0
V
Input Limits2
AVSS − 0.3
AVDD + 0.3
V
Input Capacitance
10
pF
Input Bias Current
10
nA
AMPLIFIERS
PGA Gain at Minimum
1
V/V
PGA Gain at Maximum
5.7
V/V
PGA Gain Resolution2
64
Steps
PGA Gain Monotonicity
Guaranteed
Programmable Offset at Minimum
−350
mV
Programmable Offset at Maximum
+350
mV
Programmable Offset Resolution
512
Steps
Programmable Offset Monotonicity
Guaranteed
NOISE AND CROSSTALK
Total Output Noise @ PGA Minimum
1.5
LSB rms
Total Output Noise @ PGA Maximum
6.0
LSB rms
Channel-to-Channel Crosstalk @ 6 MHz
<1
LSB
POWER SUPPLY REJECTION
AVDD = 5 V ± 0.25 V
0.063
0.9
% FSR
DIFFERENTIAL VREF (@ 25°C)
CAPT to CAPB (2 V ADC Full-Scale Range)
0.94
1.0
1.06
V
TEMPERATURE RANGE
Operating
0
+70
°C
Storage
−65
+150
°C
POWER SUPPLIES
AVDD
4.75
5.0
5.25
V
DRVDD
3.0
5.0
5.25
V
OPERATING CURRENT
AVDD
73
mA
DRVDD
4
mA
Power-Down Mode Current
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com