Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9830AST Datasheet(PDF) 7 Page - Analog Devices

Part # AD9830AST
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9830AST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9830AST Datasheet HTML 3Page - Analog Devices AD9830AST Datasheet HTML 4Page - Analog Devices AD9830AST Datasheet HTML 5Page - Analog Devices AD9830AST Datasheet HTML 6Page - Analog Devices AD9830AST Datasheet HTML 7Page - Analog Devices AD9830AST Datasheet HTML 8Page - Analog Devices AD9830AST Datasheet HTML 9Page - Analog Devices AD9830AST Datasheet HTML 10Page - Analog Devices AD9830AST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MCLK FREQUENCY – MHz
60
30
10
20
30
40
50
55
50
45
40
35
AVDD = DVDD = +5V
TA = +25°C
fOUT = 200kHz
Figure 5. Typical Current Consumption vs. MCLK
Frequency
MCLK FREQUENCY – MHz
–50
–80
10
20
30
40
50
–55
–60
–65
–70
–75
AVDD = DVDD = +5V
fOUT/fMCLK = 1/3
Figure 6. Narrow Band SFDR vs. MCLK Frequency
MCLK FREQUENCY – MHz
–65
10
50
20
30
40
–50
–55
–60
–40
–45
AVDD = DVDD = +5V
fOUT/fMCLK = 1/3
Figure 7. Wide Band SFDR vs. MCLK Frequency
fOUT/fMCLK
–35
–65
0
0.35
0.05
0.1
0.15
0.2
0.25
0.3
–40
–45
–50
–55
–60
AVDD = DVDD = +5V
50MHz
30MHz
10MHz
Figure 8. WB SFDR vs. fOUT/fMCLK for Various MCLK
Frequencies
MCLK FREQUENCY – MHz
60
55
40
10
50
20
30
40
50
45
AVDD = DVDD = +5V
fOUT = fMCLK/3
Figure 9. SNR vs. MCLK Frequency
fOUT/fMCLK
60
55
40
0
0.4
0.1
0.2
0.3
50
45
10MHz
30MHz
50MHz
AVDD = DVDD = +5V
Figure 10. SNR vs. fOUT/fMCLK for Various MCLK
Frequencies
Typical Performance Characteristics–AD9830
–7–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com