Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9830AST Datasheet(PDF) 1 Page - Analog Devices

Part # AD9830AST
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9830AST Datasheet(HTML) 1 Page - Analog Devices

  AD9830AST Datasheet HTML 1Page - Analog Devices AD9830AST Datasheet HTML 2Page - Analog Devices AD9830AST Datasheet HTML 3Page - Analog Devices AD9830AST Datasheet HTML 4Page - Analog Devices AD9830AST Datasheet HTML 5Page - Analog Devices AD9830AST Datasheet HTML 6Page - Analog Devices AD9830AST Datasheet HTML 7Page - Analog Devices AD9830AST Datasheet HTML 8Page - Analog Devices AD9830AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS
Complete DDS
AD9830
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
+5 V Power Supply
50 MHz Speed
On-Chip SINE Look-Up Table
On-Chip 10-Bit DAC
Parallel Loading
Power-Down Option
72 dB SFDR
250 mW Power Consumption
48-Pin TQFP
APPLICATIONS
DDS Tuning
Digital Demodulation
GENERAL DESCRIPTION
This DDS device is a numerically controlled oscillator em-
ploying a phase accumulator, a sine look-up table and a
10-bit D/A converter integrated on a single CMOS chip.
Modulation capabilities are provided for phase modulation
and frequency modulation.
Clock rates up to 50 MHz are supported. Frequency accu-
racy can be controlled to one part in 4 billion. Modulation
is effected by loading registers through the parallel micro-
processor interface.
A power-down pin allows external control of a power-down
mode. The part is available in a 48-pin TQFP package.
FUNCTIONAL BLOCK DIAGRAM
RESET
SLEEP
IOUT
IOUT
COMP
REFIN
FS ADJUST
REFOUT
AGND
AVDD
DGND
DVDD
MCLK
D0
FSELECT
D15
WR
A0
A1
A2
PSEL0
PSEL1
12
AD9830
ON-BOARD
REFERENCE
FULL SCALE
CONTROL
10-BIT DAC
SIN
ROM
PHASE
ACCUMULATOR
(32-BIT)
MUX
MUX
FREQ0 REG
FREQ1 REG
PHASE0 REG
PHASE1 REG
PHASE2 REG
PHASE3 REG
PARALLEL REGISTER
TRANSFER CONTROL
MPU INTERFACE
Σ


Similar Part No. - AD9830AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
More results

Similar Description - AD9830AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9831 AD-AD9831 Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
AD9832 AD-AD9832 Datasheet
146Kb / 16P
CMOS Complete DDS
REV.A
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
CMOS 300 MSPS Quadrature Complete DDS
Rev. E
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
CMOS 300 MSPS Complete DDS
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com