Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9831 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9831
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9831 Datasheet HTML 8Page - Analog Devices AD9831 Datasheet HTML 9Page - Analog Devices AD9831 Datasheet HTML 10Page - Analog Devices AD9831 Datasheet HTML 11Page - Analog Devices AD9831 Datasheet HTML 12Page - Analog Devices AD9831 Datasheet HTML 13Page - Analog Devices AD9831 Datasheet HTML 14Page - Analog Devices AD9831 Datasheet HTML 15Page - Analog Devices AD9831 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD9831
–13–
REV. A
AD9831 Evaluation Board
The AD9831 Evaluation Board allows designers to evaluate the
high performance AD9831 DDS Modulator with a minimum of
effort.
To prove that this device will meet the user’s waveform synthe-
sis requirements, the user only requires a 3.3 V or 5 V power
supply, an IBM-compatible PC and a spectrum analyzer along
with the evaluation board. The evaluation setup is shown
below.
The DDS Evaluation kit includes a populated, tested AD9831
printed circuit board along with the software which controls the
AD9831 in a Windows environment.
AD9831.EXE
IBM COMPATIBLE PC
PARALLEL PORT
CENTRONICS
PRINTER CABLE
AD9831
EVALUATION
BOARD
Figure 23. AD9831 Evaluation Board Setup
Using the AD9831 Evaluation Board
The AD9831 Evaluation kit is a test system designed to simplify
the evaluation of the AD9831. Provisions to control the
AD9831 from the printer port of an IBM-compatible PC are
included along with the necessary software. An application note
is also available with the evaluation board which gives informa-
tion on operating the evaluation board.
Prototyping Area
An area is available on the evaluation board where the user can
add additional circuits to the evaluation test set. Users may
want to build custom analog filters for the output or add buffers
and operational amplifiers which are to be used in the final
application.
XO vs. External Clock
The AD9831 can operate with master clocks up to 25 MHz. A
25 MHz oscillator is included on the evaluation board. How-
ever, this oscillator can be removed and an external CMOS
clock connected to the part, if required.
Power Supply
Power to the AD9831 Evaluation Board must be provided ex-
ternally through the pin connections. The power leads should
be twisted to reduce ground loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com