Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9832 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9832
Description  CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9832 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9832 Datasheet HTML 8Page - Analog Devices AD9832 Datasheet HTML 9Page - Analog Devices AD9832 Datasheet HTML 10Page - Analog Devices AD9832 Datasheet HTML 11Page - Analog Devices AD9832 Datasheet HTML 12Page - Analog Devices AD9832 Datasheet HTML 13Page - Analog Devices AD9832 Datasheet HTML 14Page - Analog Devices AD9832 Datasheet HTML 15Page - Analog Devices AD9832 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
–13–
AD9832
REV. A
APPLICATIONS
The AD9832 contains functions that make it suitable for modu-
lation applications. The part can be used to perform simple
modulation such as FSK, and more complex modulation
schemes such as GMSK and QPSK can also be implemented
using the AD9832. In an FSK application, the two frequency
registers of the AD9832 are loaded with different values; one
frequency will represent the space frequency while the other will
represent the mark frequency. The digital data stream is fed to
the FSELECT pin, which will cause the AD9832 to modulate
the carrier frequency between the two values.
The AD9832 has four phase registers; this enables the part to
perform PSK. With phase shift keying, the carrier frequency is
phase shifted, the phase being altered by an amount which is
related to the bit stream being input to the modulator. The
presence of four shift registers eases the interaction needed
between the DSP and the AD9832.
The AD9832 is also suitable for signal generator applications.
With its low current consumption, the part is suitable for appli-
cations in which it can be used as a local oscillator. In addition,
the part is fully specified for operation with a +3.3 V
± 10%
power supply. Therefore, in portable applications where current
consumption is an important issue, the AD9832 is perfect.
Grounding and Layout
The printed circuit board that houses the AD9832 should be
designed so the analog and digital sections are separated and
confined to certain areas of the board. This facilitates the use of
ground planes that can be easily separated. A minimum etch
technique is generally best for ground planes as it gives the best
shielding. Digital and analog ground planes should only be
joined in one place. If the AD9832 is the only device requiring
an AGND to DGND connection, the ground planes should
be connected at the AGND and DGND pins of the AD9832.
If the AD9832 is in a system where multiple devices require
AGND to DGND connections, the connection should be made
at one point only, a star ground point that should be established
as close as possible to the AD9832.
Avoid running digital lines under the device as these will couple
noise onto the die. The analog ground plane should be allowed
to run under the AD9832 to avoid noise coupling. The power
supply lines to the AD9832 should use as large a track as pos-
sible to provide low impedance paths and reduce the effects of
glitches on the power supply line. Fast switching signals such as
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board. Avoid crossover of digital
and analog signals. Traces on opposite sides of the board should
run at right angles to each other. This will reduce the effects of
feedthrough through the board. A microstrip technique is by far
the best but is not always possible with a double-sided board. In
this technique, the component side of the board is dedicated to
ground planes while signals are placed on the other side.
Good decoupling is important. The analog and digital supplies
to the AD9832 are independent and separately pinned out to
minimize coupling between analog and digital sections of the
device. All analog and digital supplies should be decoupled to
AGND and DGND respectively with 0.1
µF ceramic capacitors
in parallel with 10
µF tantalum capacitors. To achieve the best
from the decoupling capacitors, they should be placed as close
as possible to the device, ideally right up against the device. In
systems where a common supply is used to drive both the
AVDD and DVDD of the AD9832, it is recommended that the
system’s AVDD supply be used. This supply should have the
recommended analog supply decoupling between the AVDD
pins of the AD9832 and AGND and the recommended digital
supply decoupling capacitors between the DVDD pins and
DGND.
Interfacing the AD9832 to Microprocessors
The AD9832 has a standard serial interface that allows the part
to interface directly with several microprocessors. The device
uses an external serial clock to write the data/control information
into the device. The serial clock can have a frequency of 20 MHz
maximum. The serial clock can be continuous, or it can idle
high or low between write operations. When data/control infor-
mation is being written to the AD9832, FSYNC is taken low
and held low while the 16 bits of data are being written into the
AD9832. The FSYNC signal frames the 16 bits of information
being loaded into the AD9832.
AD9832 to ADSP-21xx Interface
Figure 26 shows the serial interface between the AD9832 and
the ADSP-21xx. The ADSP-21xx should be set up to operate in
the SPORT Transmit Alternate Framing Mode (TFSW = 1).
The ADSP-21xx is programmed through the SPORT control
register and should be configured as follows: internal clock
operation (ISCLK = 1), active low framing (INVTFS = 1),
16-bit word length (SLEN = 15), internal frame sync signal
(ITFS = 1), generate a frame sync for each write operation
(TFSR = 1). Transmission is initiated by writing a word to the
Tx register after the SPORT has been enabled. The data is
clocked out on each rising edge of the serial clock and clocked
into the AD9832 on the SCLK falling edge.
ADSP-2101/
ADSP-2103
AD9832
TFS
DT
SCLK
FSYNC
ADDITIONAL PINS OMITTED FOR CLARITY
SDATA
SCLK
Figure 26. ADSP-2101/ADSP-2103 to AD9832 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com