Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0443003.DR Datasheet(PDF) 3 Page - Littelfuse

Part # 0443003.DR
Description  Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0443003.DR Datasheet(HTML) 3 Page - Littelfuse

  0443003.DR Datasheet HTML 1Page - Littelfuse 0443003.DR Datasheet HTML 2Page - Littelfuse 0443003.DR Datasheet HTML 3Page - Littelfuse 0443003.DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revised: March 17, 2009
75
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
443 Series
NANO2® > 250V > Time Lag > 443 Series
Please refer to www.littelfuse.com/series/443.html for current information.
Materials
Product Marking
Insulation Resistance
Solderability
Resistance to
Soldering Heat
Moisture Sensitivity
Level
PCB
Recommendation
for Thermal
Management
Product Characteristics
5A
3.12
(.123")
3.12
(.123")
10.10
(.397")
3.25
(.128")
3.43
(.135")
12.6
(.496")
6.10
(.240")
Recommended Pad Layout
1.70 typ
(.067")
AC250V
T
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Operating Temperature
Thermal Shock
Vibration
Moisture Resistance
Salt Spray
Mechanical Shock
0443 .500 D R
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
Example:
01.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com