Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0443003.DR Datasheet(PDF) 1 Page - Littelfuse

Part # 0443003.DR
Description  Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0443003.DR Datasheet(HTML) 1 Page - Littelfuse

  0443003.DR Datasheet HTML 1Page - Littelfuse 0443003.DR Datasheet HTML 2Page - Littelfuse 0443003.DR Datasheet HTML 3Page - Littelfuse 0443003.DR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revised: March 17, 2009
73
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
443 Series
NANO2® > 250V > Time Lag > 443 Series
Please refer to www.littelfuse.com/series/443.html for current information.
443 Series Fuse
Description
Agency Approvals
Electrical Characteristics for Series
Features
% of Ampere
Rating
OpeningTime
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
0.500A - 5.00A
Electrical Specifications by Item
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I t (A2sec)
Nominal
Voltage Drop
(mV)
Agency
Approvals
448
1
98
4
81
Notes:
1. Cold resistance measured at less than 10% of rated current at 23°C.
2. Agency Approval Table Key: X=Approved or Certified, P=Pending and Blank=Not Approved
3. Have special electrical characteristic needs? Contact Littelfuse to learn more about application specific options.
Applications


Similar Part No. - 0443003.DR

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0443000400 MOLEX6-0443000400 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 4 Circuits
0443000600 MOLEX6-0443000600 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI Plug Housing, Dual Row, Panel Mount, 6 Circuits
0443000800 MOLEX6-0443000800 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI Plug Housing, Dual Row, Panel Mount, 8 Circuits
logo
Littelfuse
0443001.DR LITTELFUSE-0443001.DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
logo
Molex Electronics Ltd.
0443001000 MOLEX6-0443001000 Datasheet
135Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI Plug Housing, Dual Row, Panel Mount, 10 Circuits
More results

Similar Description - 0443003.DR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0443.500DR LITTELFUSE-0443.500DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443.750DR LITTELFUSE-0443.750DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044301.5DR LITTELFUSE-044301.5DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044302.5DR LITTELFUSE-044302.5DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044303.5DR LITTELFUSE-044303.5DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443001.DR LITTELFUSE-0443001.DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443002.DR LITTELFUSE-0443002.DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443004.DR LITTELFUSE-0443004.DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443005.DR LITTELFUSE-0443005.DR Datasheet
170Kb / 4P
Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
04651.25DR LITTELFUSE-04651.25DR Datasheet
188Kb / 4P
Surface Mount Fuses NANO2짰 > 250V UMF Time Lag > 465 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com