Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9852ASQ
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9852ASQ Datasheet HTML 28Page - Analog Devices AD9852ASQ Datasheet HTML 29Page - Analog Devices AD9852ASQ Datasheet HTML 30Page - Analog Devices AD9852ASQ Datasheet HTML 31Page - Analog Devices AD9852ASQ Datasheet HTML 32Page - Analog Devices AD9852ASQ Datasheet HTML 33Page - Analog Devices AD9852ASQ Datasheet HTML 34Page - Analog Devices AD9852ASQ Datasheet HTML 35Page - Analog Devices AD9852ASQ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
AD9852
–32–
REV. 0
FREQUENCY – MHz
1400
20
1200
1000
800
600
400
200
0
60
100
140
180
220
260
300
Figure 57a. Power Consumption vs. Clock Frequency
Showing Supply Current Consumption When All Optional
Circuitry Is Enabled
FREQUENCY – MHz
450
20
400
350
300
250
200
150
0
60
100
140
180
220
260
300
100
50
MULTIPLIERS
INVERSE SINC
AUX DAC
COMPARATOR
Figure 57b. Decrease in Current Consumption When Vari-
ous Circuitry Is Disabled
EVALUATION OF OPERATING CONDITIONS
The first step in applying the AD9852 is to select the internal
clock frequency. Clock frequency selections above 200 MHz
will require the thermally-enhanced package (AD9852ASQ);
clock frequency selections of 200 MHz and below may allow the
user to use the standard plastic surface-mount package, but more
information will be needed to make that determination.
The second step is to determine the maximum required operating
temperature for the AD9852 in the given application. Subtract
this value from 150
°C, which is the maximum junction tem-
perature allowed for the AD9852. For the extended industrial
temperature range of 85
°C, the result will be 65°C. This is the
maximum rise in temperature that the junction may experience
due to power dissipation.
The third step is to divide this maximum rise number by the
thermal impedance, to arrive at the maximum power dissipation
allowed for the application. For the example, so far, 65
°C divided
by both versions of the AD9852 package’s thermal impedances
of 38
°C/W and 16°C/W, yields a total power dissipation limit
of 1.7 W and 4.1 W (respectively). This means that for a 3.3 V
nominal power supply voltage, the current consumed by the device
under full operating conditions must not exceed 515 mA in the
standard plastic package and 1242 mA in the thermally-enhanced
package. The total set of enabled functions and operating condi-
tions of the AD9852 application must support these current
consumption limits.
Figure 57a and 57b may be used to determine the suitability
of a given AD9852 application vs. power dissipation requirements.
These graphs assume that the AD9852 device will be soldered to
a multilayer PCB per the recommended best manufacturing
practices and procedures for the given package type. This ensures
that the specified thermal impedance specifications will be
achieved.
THERMALLY ENHANCED PACKAGE MOUNTING
GUIDELINES
The following are general recommendations for mounting the
thermally enhanced exposed heat sink package (AD9852ASQ)
to printed circuit boards. The exceptional thermal characteristics of
this package depend entirely upon proper mechanical attachment.
Figure 58 depicts the package from the bottom and shows the
dimensions of the exposed heat sink. A solid conduit of solder
needs to be established between this pad and the surface of
the PCB.
Figure 59 depicts a general PCB land pattern for such an exposed
heat sink device. Note that this pattern is for a 64-lead device not
an 80-lead, but the relative shapes and dimensions still apply.
In this land pattern, a solid copper plane exists inside of the
individual lands for device leads. Note also that the solder mask
opening is conservatively dimensioned to avoid any assembly
problems.
UNT
14mm
10mm
Figure 58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com