Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852ASQ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9852ASQ
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852ASQ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9852ASQ Datasheet HTML 29Page - Analog Devices AD9852ASQ Datasheet HTML 30Page - Analog Devices AD9852ASQ Datasheet HTML 31Page - Analog Devices AD9852ASQ Datasheet HTML 32Page - Analog Devices AD9852ASQ Datasheet HTML 33Page - Analog Devices AD9852ASQ Datasheet HTML 34Page - Analog Devices AD9852ASQ Datasheet HTML 35Page - Analog Devices AD9852ASQ Datasheet HTML 36Page - Analog Devices AD9852ASQ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AD9852
–33–
REV. 0
SOLDER MASK
OPENING
THERMAL LAND
Figure 59.
The thermal land itself must be able to distribute heat to an even
larger copper plane such as an internal ground plane. Vias must be
uniformly provided over the entire thermal pad to connect to this
internal plane. A proposed via pattern is shown in Figure 60. Via
holes should be small (12 mils, 0.3 mm) such that they can be
plated and plugged. These will provide the mechanical conduit
for heat transfer.
Figure 60.
Finally, a proposed stencil design is depicted for screen solder
placement. Note that if vias are not plugged, wicking will occur
which will displace solder away from the exposed heat sink and
the necessary mechanical bond will not be established.
Figure 61.
EVALUATION BOARD
An evaluation board is available that supports the AD9852 DDS
devices. This evaluation board consists of a PCB, software, and
documentation to facilitate bench analysis of the performance of
the AD9852 device. It is recommended that users of the AD9852
familiarize themselves with the operation and performance
capabilities of the device with the evaluation board. The evaluation
board should also be used as a PCB reference design to ensure
optimum dynamic performance from the device.
OPERATING INSTRUCTIONS
To assist in proper placement of the pin-header shorting-jumpers,
the instructions will refer to direction (left, right, top, bottom)
as well as header pins to be shorted. Pin #1 for each three pin-
header has been marked on the PCB corresponding with the
schematic diagram. When following these instructions, position
the PCB so that the text can be read from left to right. The
board is shipped with the pin-headers configuring the board
as follows:
1. REFCLK for the AD9852 is configured as differential. The
differential clock signals are provided by the 100LVEL16
differential receiver.
2. Input clock for the 100LVEL16 is single-ended via J5. This
signal may be 3.3 V CMOS or a 2 V p-p sine wave capable of
driving 50
Ω (R8).
3. Both DAC outputs from the AD9852 are routed through
the two 120 MHz elliptical LP filters and their outputs con-
nected to J3 (Q) and J4 (I).
4. The board is set up for software control via the printer port
connector.
5. Configured for AD9852 operation.
Load the software from the CD onto the host PC’s hard disk.
Only Windows 9X/NT operating system is supported. Connect
a printer cable from the PC to the AD9852 Evaluation Board
printer port connector labeled “J11.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com