Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9854 Datasheet HTML 9Page - Analog Devices AD9854 Datasheet HTML 10Page - Analog Devices AD9854 Datasheet HTML 11Page - Analog Devices AD9854 Datasheet HTML 12Page - Analog Devices AD9854 Datasheet HTML 13Page - Analog Devices AD9854 Datasheet HTML 14Page - Analog Devices AD9854 Datasheet HTML 15Page - Analog Devices AD9854 Datasheet HTML 16Page - Analog Devices AD9854 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD9854
–13–
REV. 0
TUNING
WORD
VCO
LOOP
FILTER
PHASE
COMPARATOR
REF
CLOCK
RF
FREQUENCY
OUT
FILTER
AD9854
DDS
DIVIDE-BY-N
Figure 28a. Agile High-Frequency Synthesizer
PHASE
SPLITTER
0.8 TO
2.5 GHz
AD9854
QUADRATURE
DDS
DDS – LO
LO
DDS
+ LO
36dB
TYPICAL
SSB
REJECTION
50
VOUT
AD8346 QUADRATURE
MODULATOR
90
COSINE (DC TO 70MHz)
SINE (DC TO 70MHz)
NOTES:
FLIP DDS QUADRATURE SIGNALS TO SELECT ALTERNATE SIDE-BAND.
ADJUST DDS SINE OR COSINE SIGNAL AMPLITUDE FOR GREATEST
SIDE-BAND SUPPRESSION.
DDS DAC OUTPUTS MUST BE LOW-PASS FILTERED PRIOR TO USE
WITH THE AD8346.
LO
LO
0
Figure 28b. Image Reject Mixer
IF
LPF
LPF
AD9854
REFERENCE
CLOCK
SIN
COS
ANALOG MULTIPLIER
Analog Frequency Double Application
CLOCK OUT = 200MHz
LPF
SIN
LPF
AD9854
COS
REFERENCE
CLOCK
COMPARATORS
AOUT = 100MHz
Clock Frequency Doubler
PROCESSOR/
CONTROLLER
FPGA, ETC.
RSET
8-BIT PARALLEL OR
SERIAL PROGRAMMING
DATA AND CONTROL
SIGNALS
AD9854
CMOS LOGIC "CLOCK" OUT
REFERENCE
CLOCK
300MHz MAX DIRECT
MODE OR 15 TO 75MHz
MAX IN THE 4 –20
CLOCK
MULTIPLIER MODE
2k
"I" DAC
1
2
NOTES:
IOUT = APPROX 20mA MAX WHEN RSET = 2k
SWITCH POSTION 1 PROVIDES COMPLEMENTARY
SINUSOIDAL SIGNALS TO THE COMPARATOR
TO PRODUCE A FIXED 50% DUTY CYCLE FROM
THE COMPARATOR.
SWITCH POSTION 2 PROVIDES THE SAME DUTY CYCLE
USING QUADRATURE SINUSOIDAL SIGNALS TO THE
COMPARATOR OR A DC THRESHOLD VOLTAGE TO
ALLOW SETTING OF THE COMPARATOR
DUTY CYCLE (DEPENDS ON THE "Q" DAC's
CONFIGURATION)
"Q" DAC OR
"CONTROL
DAC"
LOW-PASS
FILTER
LOW-PASS
FILTER
Figure 30. Frequency Agile Clock Generator Applications for the AD9854
REFERENCE
CLOCK
50
1:1 TRANSFORMER
I.E. MINI-CIRCUITS T1–1T
FILTER
50
DIFFERENTIAL
TRANSFORMER-COUPLED
OUTPUT
AD9854
DDS
IOUT
IOUT
Figure 29. Differential Output Connection for Reduction of
Common-Mode Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com