Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9854
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9854 Datasheet HTML 17Page - Analog Devices AD9854 Datasheet HTML 18Page - Analog Devices AD9854 Datasheet HTML 19Page - Analog Devices AD9854 Datasheet HTML 20Page - Analog Devices AD9854 Datasheet HTML 21Page - Analog Devices AD9854 Datasheet HTML 22Page - Analog Devices AD9854 Datasheet HTML 23Page - Analog Devices AD9854 Datasheet HTML 24Page - Analog Devices AD9854 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9854
–21–
REV. 0
In the Ramped FSK mode, with the triangle bit set high, an
automatic frequency sweep will begin at either F1 or F2,
according to the logic level on Pin 29 (FSK input pin) when the
triangle bit’s rising edge occurs as shown in Figure 42. If the
FSK data bit had been high instead of low, F2 would have been
chosen instead of F1 as the start frequency.
Additional flexibility in the ramped FSK mode is provided in
the ability to respond to changes in the 48-bit delta frequency
word and/or the 20-bit ramp-rate counter on-the-fly during the
ramping from F1 to F2 or vice versa. To create these nonlinear
frequency changes it is necessary to combine several linear ramps
in a piecewise fashion whose slopes are different. This is done
by programming and executing a linear ramp at some rate or
“slope” and then altering the slope (by changing the ramp rate
clock or delta frequency word or both). Changes in slope are made
as often as needed to form the desired nonlinear frequency sweep
response before the destination frequency has been reached. These
piecewise changes can be precisely timed using the 32-bit Inter-
nal Update Clock (see detailed description elsewhere in this
data sheet).
Nonlinear ramped FSK will have the appearance of a chirp
function that is graphically illustrated in Figure 43. The major
difference between a ramped FSK function and a chirp function
is that FSK is limited to operation between F1 and F2. Chirp
operation has no F2 limit frequency.
Two additional control bits are available in the ramped FSK mode
that allow even more options. CLR ACC1, register address 1F hex,
will, if set high, clear the 48-bit frequency accumulator (ACC1)
output with a retriggerable one-shot pulse of one system clock
duration. If the CLR ACC1 bit is left high, a one-shot pulse will
be delivered on the rising edge of every Update Clock. The effect
is to interrupt the current ramp, reset the frequency back to the
start point, F1 or F2, and then continue to ramp up (or down)
at the previous rate. This will occur even when a static F1 or F2
destination frequency has been achieved. (See Figure 43.)
Next, CLR ACC2 control bit (register address 1F hex) is avail-
able to clear both the frequency accumulator (ACC1) and the phase
accumulator (ACC2). When this bit is set high, the output of the
phase accumulator will result in 0 Hz output from the DDS. As
long as this bit is set high, the frequency and phase accumulators
will be cleared, resulting in 0 Hz output. To return to previous
DDS operation, CLR ACC2 must be set to logic low.
Chirp (Mode 011)
This mode is also known as pulsed FM. Most chirp systems use
a linear FM sweep pattern although any pattern may be used.
This is a type of spread spectrum modulation that can realize
“processing gain.” In radar applications, use of chirp or pulsed
FM allows operators to significantly reduce the output power
needed to achieve the same result as a single-frequency radar
system would produce. Figure 43 represents a very low-resolution
nonlinear chirp meant to demonstrate the different “slopes” that
are created by varying the time steps (ramp rate) and frequency
steps (delta frequency word).
The AD9854 permits precise, internally generated linear or
externally programmed nonlinear pulsed or continuous FM over
a user-defined frequency range, duration, frequency resolution and
sweep direction(s). A block diagram of the FM chirp components
is shown in Figure 44.
20-BIT
RAMP RATE
CLOCK
48-BIT DELTA-
FREQUENCY
WORD
FREQUENCY
ACCUMULATOR
PHASE
ACCUMULATOR
OUT
ADDER
SYSTEM
CLOCK
CLR ACC2
CLR ACC1
FREQUENCY
TUNING
WORD 1
HOLD
Figure 44. FM Chirp Components
F1
0
010 (RAMPED FSK)
F1
000 (DEFAULT)
0
MODE
TW1
DFW
RAMP RATE
Figure 43. Example of a Nonlinear Chirp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com