Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9856 Datasheet HTML 17Page - Analog Devices AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices AD9856 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9856
–21–
REV. B
Table II. CIC Interpolation Filter Insertion Loss Table
Interpolation Rate
Default Gain
2
Gain
(Linear)
(dB)
(Linear)
(dB)
2
1.0000
0.000
2.0000
6.021
3
0.8438
–1.476
1.6875
4.545
4
1.0000
0.000
2.0000
6.021
5
0.9766
–0.206
1.9531
5.815
6
0.8438
–1.476
1.6875
4.545
7
0.6699
–3.480
1.3398
2.541
8
1.0000
0.000
2.0000
6.021
9
0.7119
–2.951
1.4238
3.069
10
0.9766
–0.206
1.9531
5.815
11
0.6499
–3.743
1.2998
2.278
12
0.8438
–1.476
1.6875
4.545
13
0.5364
–5.411
1.0728
0.610
14
0.6699
–3.480
1.3398
2.541
15
0.8240
–1.682
1.6479
4.339
16
1.0000
0.000
2.0000
6.021
17
0.5997
–4.441
1.1995
1.580
18
0.7119
–2.951
1.4238
3.069
19
0.8373
–1.543
1.6746
4.478
20
0.9766
–0.206
1.9531
5.815
21
0.5652
–4.955
1.1305
1.065
22
0.6499
–3.743
1.2998
2.278
23
0.7426
–2.585
1.4852
3.436
24
0.8438
–1.476
1.6875
4.545
25
0.9537
–0.412
1.9073
5.609
26
0.5364
–5.411
1.0728
0.610
27
0.6007
–4.427
1.2014
1.593
28
0.6699
–3.480
1.3398
2.541
29
0.7443
–2.565
1.4886
3.455
30
0.8240
–1.682
1.6479
4.339
31
0.9091
–0.827
1.8183
5.193
32
1.0000
0.000
2.0000
6.021
33
0.5484
–5.219
1.0967
0.802
34
0.5997
–4.441
1.1995
1.580
35
0.6542
–3.686
1.3084
2.335
36
0.7119
–2.951
1.4238
3.069
37
0.7729
–2.237
1.5458
3.783
38
0.8373
–1.543
1.6746
4.478
39
0.9051
–0.866
1.8103
5.155
40
0.9766
–0.206
1.9531
5.815
41
0.5258
–5.583
1.0517
0.437
42
0.5652
–4.955
1.1305
1.065
43
0.6066
–4.342
1.2132
1.679
44
0.6499
–3.743
1.2998
2.278
45
0.6952
–3.157
1.3905
2.863
46
0.7426
–2.585
1.4852
3.436
47
0.7921
–2.024
1.5842
3.996
48
0.8438
–1.476
1.6875
4.545
49
0.8976
–0.938
1.7952
5.082
50
0.9537
–0.412
1.9073
5.609
51
0.5060
–5.917
1.0120
0.104
52
0.5364
–5.411
1.0728
0.610
53
0.5679
–4.914
1.1358
1.106
54
0.6007
–4.427
1.2014
1.593
55
0.6347
–3.949
1.2693
2.072
56
0.6699
–3.480
1.3398
2.541
57
0.7065
–3.018
1.4129
3.002
58
0.7443
–2.565
1.4886
3.455
59
0.7835
–2.120
1.5669
3.901
60
0.8240
–1.682
1.6479
4.339
61
0.8659
–1.251
1.7317
4.770
62
0.9091
–0.827
1.8183
5.193
63
0.9539
–0.410
1.9077
5.610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com