Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854AST Datasheet(PDF) 27 Page - Analog Devices

Part # AD9854AST
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854AST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9854AST Datasheet HTML 23Page - Analog Devices AD9854AST Datasheet HTML 24Page - Analog Devices AD9854AST Datasheet HTML 25Page - Analog Devices AD9854AST Datasheet HTML 26Page - Analog Devices AD9854AST Datasheet HTML 27Page - Analog Devices AD9854AST Datasheet HTML 28Page - Analog Devices AD9854AST Datasheet HTML 29Page - Analog Devices AD9854AST Datasheet HTML 30Page - Analog Devices AD9854AST Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD9854
–27–
REV. 0
Interfacing and Programming the AD9854
The AD9854 Register Layout, shown in Table V, contains the
information that programs the chip for the desired functionality.
While many applications will require very little programming to
configure the AD9854, some will make use of all twelve acces-
sible register banks. The AD9854 supports an 8-bit byte parallel
I/O operation or an SPI-compatible serial I/O operation. All
accessible registers can be written and read back in either
I/O operating mode.
An external pin, S/P SELECT, is used to configure the I/O mode.
Systems that use the parallel I/O mode must connect the S/P
SELECT pin to VDD. Systems that operate in the serial I/O mode
must tie the S/P SELECT pin to GND.
Regardless of mode, the I/O port data is written to a buffer
memory that does NOT affect operation of the part until the
contents of the buffer memory are transferred to the register
banks. This transfer of information occurs synchronously to the
system clock and occurs in one of two ways:
1. Internally, controlled at a rate programmable by the user or,
2. Externally, controlled by the user. I/O operations can occur in
the absence of REFCLK but the data cannot be moved from
the buffer memory to the register bank without REFCLK.
See the Update Clock Operation section of this document
for details.
Parallel I/O Operation
With the S/P SELECT pin tied high, the parallel I/O mode is
active. The I/O port is compatible with industry standard DSPs
and microcontrollers. Six address bits, eight bidirectional data
bits and separate write/read control inputs make up the I/O
port pins.
Parallel I/O operation allows write access to each byte of any
register in a single I/O operation at 100 MHz. Read back capability
for each register is included to ease designing with the AD9854.
Reads are not guaranteed at 100 MHz as they are intended for
software debug only.
Parallel I/O operation timing diagrams are shown in the Figures
49 and 50.
A<5:0>
D<7:0>
RD
A1
D1
A2
D2
A3
D3
TRDHOZ
TRDLOV
TAHD
TADV
SPECIFICATION
VALUE
DESCRIPTION
TADV
TAHD
TRDLOV
TRDHOZ
15ns
5ns
15ns
10ns
ADDRESS TO DATA VALID TIME (MAXIMUM)
ADDRESS HOLD TIME TO RD SIGNAL INACTIVE (MINIMUM)
RD LOW TO OUTPUT VALID (MAXIMUM)
RD HIGH TO DATA THREE-STATE (MAXIMUM)
Figure 49. Parallel Port Read Timing Diagram
D<7:0>
WR
D1
D2
D3
SPECIFICATION
VALUE
DESCRIPTION
TASU
TDSU
TADH
TDHD
4ns
2ns
ADDRESS SETUP TIME TO
WR SIGNAL ACTIVE
DATA SETUP TIME TO
WR SIGNAL INACTIVE
5ns
0ns
ADDRESS HOLD TIME TO
WR SIGNAL INACTIVE
DATA HOLD TIME TO
WR SIGNAL INACTIVE
TWRLOW
TWRHIGH
TWR
3ns
WR SIGNAL MINIMUM LOW TIME
7ns
3ns
WR SIGNAL MINIMUM HIGH TIME
WR SIGNAL MINIMUM PERIOD
A<5:0>
A1
A2
A3
TASU
TAHD
TWRHIGH
TWRLOW
TDHD
TDSU
TWR
Figure 50. Parallel Port Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com