Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9854AST Datasheet(PDF) 34 Page - Analog Devices

Part # AD9854AST
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854AST Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9854AST Datasheet HTML 30Page - Analog Devices AD9854AST Datasheet HTML 31Page - Analog Devices AD9854AST Datasheet HTML 32Page - Analog Devices AD9854AST Datasheet HTML 33Page - Analog Devices AD9854AST Datasheet HTML 34Page - Analog Devices AD9854AST Datasheet HTML 35Page - Analog Devices AD9854AST Datasheet HTML 36Page - Analog Devices AD9854AST Datasheet HTML 37Page - Analog Devices AD9854AST Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD9854
–34–
REV. 0
THERMALLY ENHANCED PACKAGE MOUNTING
GUIDELINES
The following are general recommendations for mounting the
thermally enhanced exposed heat sink package (AD9854ASQ)
to printed circuit boards. The exceptional thermal characteristics of
this package depend entirely upon proper mechanical attachment.
Figure 58 depicts the package from the bottom and shows the
dimensions of the exposed heat sink. A solid conduit of solder
needs to be established between this pad and the surface of
the PCB.
UNT
14mm
10mm
Figure 58.
Figure 59 depicts a general PCB land pattern for such an exposed
heat sink device. Note that this pattern is for a 64-lead device not
an 80-lead, but the relative shapes and dimensions still apply.
In this land pattern, a solid copper plane exists inside of the
individual lands for device leads. Note also that the solder mask
opening is conservatively dimensioned to avoid any assembly
problems.
SOLDER MASK
OPENING
THERMAL LAND
Figure 59.
The thermal land itself must be able to distribute heat to an even
larger copper plane such as an internal ground plane. Vias must be
uniformly provided over the entire thermal pad to connect to this
internal plane. A proposed via pattern is shown in Figure 60. Via
holes should be small (12 mils, 0.3 mm) such that they can be
plated and plugged. These will provide the mechanical conduit
for heat transfer.
Figure 60.
Finally, a proposed stencil design is depicted for screen solder
placement. Note that if vias are not plugged, wicking will occur
which will displace solder away from the exposed heat sink and
the necessary mechanical bond will not be established.
Figure 61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com