Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9870EB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9870EB
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870EB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9870EB Datasheet HTML 4Page - Analog Devices AD9870EB Datasheet HTML 5Page - Analog Devices AD9870EB Datasheet HTML 6Page - Analog Devices AD9870EB Datasheet HTML 7Page - Analog Devices AD9870EB Datasheet HTML 8Page - Analog Devices AD9870EB Datasheet HTML 9Page - Analog Devices AD9870EB Datasheet HTML 10Page - Analog Devices AD9870EB Datasheet HTML 11Page - Analog Devices AD9870EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD9870
–8–
The two optional bytes are output if the EAGC bit of SSICRA
is set. The first byte contains the eight most significant bits of
the AGC DAC setting while the second byte contains a 2-bit
overload field, a 2-bit reset field, a 2-bit large-signal field, a zero
bit, and a trailing high bit. The overload, reset, and large-signal
fields contain the number of overload, reset, and large-signal
events since the last report, respectively, saturating at three
should the number of events equal or exceed this amount. The
two optional bytes follow the I and Q data as a 16-bit word
provided the AAGC bit of SSICRA is not set. If the AAGC bit
is set, the two bytes follow the I and Q data in an alternating
fashion. In this “alternate AGC data” mode, the LSB of the
byte containing the AGC DAC setting is zero; the LSB of the
byte containing reset/overload information is always a one.
Figure 3 illustrates the fields of the SSI data frames.
EAGC = 0, AAGC = X: 32 DATA BITS
EAGC = 1, AAGC = 0: 48 DATA BITS
EAGC = 1, AAGC = 1: 40 DATA BITS
I (15:0)
Q (15:0)
I (15:0)
Q (15:0)
AGC (7:0)
1
I (15:0)
Q (15:0)
AGC (7:1) 0
I (15:0)
Q (15:0)
1
OVERLOAD COUNT
RESET COUNT
DON’T CARE
FGM
SAME
Figure 3. SSI Frame Structure
FS
DOUT
CLKOUT
FS
DOUT
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 1, EAGC = 0
SCKI = 0, SCKT = 0, SLFS = X, SFSI = X, EFS = 1, SFST = 1, EAGC = 0: AS ABOVE, BUT FS IS LOW
IDLE (HIGH) BITS
CLKOUT
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 1, AAGC = 0
I15
I0
Q15
Q14
Q0
G15
G14
G0
CLKOUT
FS
DOUT
SCKI = 0, SCKT = 0, SLFS = 1, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
I15
I0
Q15
Q14
Q0
START
BIT
START
BIT
STOP
BIT
STOP
BIT
START
BIT
HI-Z
SCKI = 0, SCKT = 0, SLFS = 0, SFSI = 0, EFS = 0, SFST = 0, EAGC = 0
I15
I8
I7
I0
Q15
I15
I0
Q15
Q14
Q0
Figure 2. SSI Timing for Several SSICR Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com