Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9870EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9870EB
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9870EB Datasheet HTML 12Page - Analog Devices AD9870EB Datasheet HTML 13Page - Analog Devices AD9870EB Datasheet HTML 14Page - Analog Devices AD9870EB Datasheet HTML 15Page - Analog Devices AD9870EB Datasheet HTML 16Page - Analog Devices AD9870EB Datasheet HTML 17Page - Analog Devices AD9870EB Datasheet HTML 18Page - Analog Devices AD9870EB Datasheet HTML 19Page - Analog Devices AD9870EB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD9870
–17–
0
–20
–40
–60
–80
–100
10–4
10–3
10–2
10–1
BASEBAND FREQUENCY – Relative to
fCLK
Figure 13b. Decimator Frequency Response
0
–20
–40
–60
–80
–100
0.50
0.25
0
NORMALIZED FREQUENCY – Relative to
fOUT
Figure 13c. Folded Decimator Frequency Response
As Figure 13d shows, the gain variation across the passband
is approximately 0.4 dB. Normalization of full-scale is accurate
to within 0.4 dB across all decimation modes.
NORMALIZED FREQUENCY – Relative to
fOUT
–40
–100
0
–20
0
–60
–80
0.25
Figure 13d. Passband Frequency Response of the
Decimator
Evaluation Board and Software
The evaluation board along with its accompanying software
provide a simple means to evaluate the AD9870. The block
diagram in Figure 14 shows the major blocks of the evaluation
board. The evaluation board is designed to be flexible allowing
the user to configure it for different potential applications. The
power supply distribution block provides filtered, adjustable
voltages to the various supply pins of the AD9870. In the IF
Input signal path, component pads are available to implement
different IF impedance matching networks. The LO and CLK
signals can be externally applied or internally derived from a
user-supplied VCO Module interface daughter board. The refer-
ence for the on-chip LO and CLK synthesizers can be applied
via the external FREF input or an on-board crystal oscillator.
MIXER
OUTPUT
IF
INPUT
LO
INPUT
AD9870
OR
AD9874
VCO
MODULE
INTERFACE
CRYSTAL
OSCILLATOR
IDT
FIFO
(OPTIONAL)
AD9870/AD9874
POWER SUPPLY
DISTRIBUTION
EPROM
CLK
INPUT
FREF
INPUT
NIDAQ
68-PIN
CONNECTOR
XILINX
SPARTON
FPGA
Figure 14. Evaluation Board Platform
The evaluation board is designed to interface to a PC via a
National Instruments PCI-DIO-32HS digital IO card. A XILINX
FPGA formats the data between the AD987x and digital I/O
board. Software developed using National Instruments LabVIEW™
and provided as MS Windows™ executable programs is supplied
for the configuration of the SPI port registers and evaluation
of the AD9870 output data. These programs have a convenient
graphical user interface allowing for easy access to the various
SPI port configuration registers and real time frequency analysis
of output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com