Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3993 Datasheet(PDF) 2 Page - ams AG

Part # AS3993
Description  The AS3993 UHF reader chip is the next generation integrated analog front end and protocol handling system for a 900MHz RFID reader system from austriamicrosystems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3993 Datasheet(HTML) 2 Page - ams AG

  AS3993 Datasheet HTML 1Page - ams AG AS3993 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.austriamicrosystems.com
products@austriamicrosystems.com
© 03/2011 by austriamicrosystems AG
Subject to change without notice
Headquarters
austriamicrosystems AG
Tobelbader Strasse 30, 8141 Unterpremstaetten, Austria
Phone +43 3136 500-0 · Fax +43 3136 525-01
Sales Offices Worldwide Europe: France, Germany, Italy, Switzerland, United Kingdom, Finland, Sweden | North America: USA CA, USA NC | Asia: Hong Kong, China, Japan, Korea, Singapore, Taiwan
General Description
The AS3993 UHF reader chip is the next generation
integrated analog front end and protocol handling
system for a 900MHz RFID reader system from aus-
triamicrosystems. It is a completely new architecture
from the AS3992 and is optimized for low voltage, low
power applications down to 2.7V.
The AS3993 now delivers UHF EPC Gen 2 in a small
QFN48 7x7 or flip chip, while retaining the flexibility,
integration and simplicity of the previous generations.
Combined with the low power operation makes it ideal
for embedded or mobile applications.
The AS3993 retains the -86dBm sensitivity of the
AS3992, including self jamming robustness against
antenna reflections. This is critical for mobile or em-
bedded applications, where the antenna design is
challenged and the additional sensitivity / robustness
is needed.
The internal PA has been optimized further, which
will now deliver up to 20dBm even under challeng-
ing conditions. It continues to support operation on the
DRM link frequencies used in ETSI and FCC regions. It
complies with EPC Class 1 Generation 2 protocol (ISO
18000-6C) and ISO 18000-6A/B (in direct mode). The
reader configuration is achieved by selecting the de-
sired protocol settings in the control registers. Direct
access to all control registers also allows fine-tuning
of different reader parameters.
Key Features
- ISO18000-6C (EPC Gen2) full protocol support
- ISO18000-6A,B compatibility in Transparent mode
- 3.3V supply voltage (2.7V to 3.6V)
- Filters dedicated to 250kHz and 320kHz M4
and M8 DRM operation
- Support of ISO29143 (Air Interface for Mobile
RFID Interrogators)
- Antenna driver using ASK or PR-ASK modulation
- AM & PM demodulation eliminating communication
holes through automatic I/Q selection
- On-board VCO and PLL covering complete RFID
frequency range from 840MHz to 960MHz
- Significant increase of PSRR through on-chip RF
output supply regulators
- Power-down, standby and active mode
- Frequency hopping support
- Integrated low level transmission coding
- Integrated low level decoders
- Integrated data framing
- Integrated CRC checking
- 4 pin SPI interface to MCU using 24 bytes FIFO
- Selectable clock output for MCU
- Large peripheral communication supply range
from 1.65V to 5.5V
- Integrated regulators with automatic setting to boost
system PSRR
- Internal power amplifier (<tbd> dBm) for short
range applications
- Adjustable ASK modulation index
- Selectable reception gain
- Reception automatic gain control
- Oscillator using 20MHz crystal
- Wide temperature range: -40ºC to 85ºC
- 48-pin QFN (7x7mm) package
Applications
The device is ideal for embedded consumer/Industrial
applications with cost constraints like beverage dis-
pensing. Additionally, AS3990 is well positioned for the
growing UHF mobile market.
www.austriamicrosystems.com/AS3993
EPC Gen2P rotocol Handling
Supply
Regulators
&
References
AS3993 UHF RFID Reader IC Block Diagram
Directional
unit
Micro
controller
RSSI
Digitizer
Digitizer
Gain
RF Out
24
Byte
FIFO
Digital processor and EPC Gen2
Protocol Handling
CRC
GEN-2
Frame Gen
DRM Filter
I/Q Mixer
Blocking
Capacitor
Analog front end
Oscillator
&
Timing
System



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com