Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3993 Datasheet(PDF) 1 Page - ams AG

Part # AS3993
Description  The AS3993 UHF reader chip is the next generation integrated analog front end and protocol handling system for a 900MHz RFID reader system from austriamicrosystems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3993 Datasheet(HTML) 1 Page - ams AG

  AS3993 Datasheet HTML 1Page - ams AG AS3993 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEN2 Reader IC with DRM
Tolerance against Self Jammer
Operation down to 2.7V
Current consumption 80mA
Small Package QFN-48 7x7
Save power – not functionality
AS3993


Similar Part No. - AS3993

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3990 AMSCO-AS3990 Datasheet
89Kb / 2P
UHF RFID single chip reader EPC Class1 Gen2 compatible
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
More results

Similar Description - AS3993

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
STMicroelectronics
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
Demonstration board using the PD84002 for UHF RFID reader
22-Sep-2007
logo
Texas Instruments
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
logo
rfsolutions.ltd
UNI_RS232_USB RFSOLUTIONS-UNI_RS232_USB Datasheet
448Kb / 9P
The Universal RFID Socket board is the baseboard for the MicroRWD RFID reader modules from IB Technology.
logo
Texas Instruments
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
logo
STMicroelectronics
ST25RU3993-HPEV STMICROELECTRONICS-ST25RU3993-HPEV Datasheet
489Kb / 9P
High-power RFID reader system
11-Nov-2020
logo
Beckhoff Automation Gmb...
C9900-E21X BECKHOFF-C9900-E21X Datasheet
129Kb / 2P
RFID reader in the CP7xxx Control Panel front
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com