Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9873-EB
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9873-EB Datasheet HTML 11Page - Analog Devices AD9873-EB Datasheet HTML 12Page - Analog Devices AD9873-EB Datasheet HTML 13Page - Analog Devices AD9873-EB Datasheet HTML 14Page - Analog Devices AD9873-EB Datasheet HTML 15Page - Analog Devices AD9873-EB Datasheet HTML 16Page - Analog Devices AD9873-EB Datasheet HTML 17Page - Analog Devices AD9873-EB Datasheet HTML 18Page - Analog Devices AD9873-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
REV. 0
AD9873
–15–
FREQUENCY – MHz
0
–60
0
80
–20
–100
–40
–80
40
20
60
–10
–30
–50
–90
–70
100
TPC 5a. Single Sideband @ 65 MHz, RBW = 2 kHz
fC = 66 MHz, f = 1 MHz, RSET = 10 k
Ω (IOUT = 4 mA)
FREQUENCY – MHz
0
–60
0
80
–20
–100
–40
–80
40
20
60
–10
–30
–50
–90
–70
100
TPC 6a. Single Sideband @ 42 MHz, RBW = 2 kHz
fC = 43 MHz, f = 1 MHz, RSET = 10 k
Ω (IOUT = 4 mA)
FREQUENCY – MHz
0
–60
0
80
–20
–100
–40
–80
40
20
60
–10
–30
–50
–90
–70
100
TPC 7a. Single Sideband @ 5 MHz, RBW = 2 kHz
fC = 6 MHz, f = 1 MHz, RSET = 10 k
Ω (IOUT = 4 mA)
FREQUENCY – MHz
0
–60
0
80
–20
–100
–40
–80
40
20
60
–10
–30
–50
–90
–70
100
TPC 5b. Single Sideband @ 65 MHz, RBW = 2 kHz
fC = 66 MHz, f = 1 MHz, RSET = 4 k
Ω (IOUT = 10 mA)
FREQUENCY – MHz
0
–60
0
80
–20
–100
–40
–80
40
20
60
–10
–30
–50
–90
–70
100
TPC 6b. Single Sideband @ 42 MHz, RBW = 2 kHz
fC = 43 MHz, f = 1 MHz, RSET = 4 k
Ω (IOUT = 10 mA)
FREQUENCY – MHz
0
–60
0
80
–20
–100
–40
–80
40
20
60
–10
–30
–50
–90
–70
100
TPC 7b. Single Sideband @ 5 MHz, RBW = 2 kHz
fC = 6 MHz, f = 1 MHz, RSET = 4 k
Ω (IOUT = 10 mA)
SINGLE SIDEBAND TRANSMIT SPECTRUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com