Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873-EB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9873-EB
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873-EB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9873-EB Datasheet HTML 23Page - Analog Devices AD9873-EB Datasheet HTML 24Page - Analog Devices AD9873-EB Datasheet HTML 25Page - Analog Devices AD9873-EB Datasheet HTML 26Page - Analog Devices AD9873-EB Datasheet HTML 27Page - Analog Devices AD9873-EB Datasheet HTML 28Page - Analog Devices AD9873-EB Datasheet HTML 29Page - Analog Devices AD9873-EB Datasheet HTML 30Page - Analog Devices AD9873-EB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
REV. 0
AD9873
–27–
FREQUENCY RELATIVE TO I/Q NYQ. BW
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
–1
–2
–3
–4
–5
–6
Figure 10d. Cascaded Filter Passband Detail (N = 3)
FREQUENCY – FS/2
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.35
1.36
1.37
1.38
1.39
1.40
1.41
1.42
1.43
1.44
1.45
Figure 12b. SINC Compensated Response
FREQUENCY – FS/2
01.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
ISF
SINC
Figure 12a. SINC and ISF Filter Response
FREQUENCY RELATIVE TO I/Q NYQ. BW
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
–1
–2
–3
–4
–5
–6
Figure 11d. Cascaded Filter Passband Detail (N = 4)
Inverse SINC Filter (ISF)
The AD9873 transmit section is almost entirely digital. The input
“signal” is made up of a time series of digital data words. These
data words propagate through the device as numbers. Ultimately,
this number stream must be converted to an analog signal. To this
end, the AD9873 incorporates an integrated DAC. The output
waveform of the DAC is the familiar “staircase” pattern typical
of a signal that is sampled and quantized. The staircase pattern
is a result of the finite time that the DAC holds a quantized level
until the next sampling instant. This is known as a zero-order hold
function. The spectrum of the zero-order hold function is the
familiar SIN(x)/x, or SINC, envelope.
The series of digital data words presented at the input of the DAC
represent an impulse stream. It is the spectrum of this impulse
stream, which is the characteristic of the desired output signal.
Due to the zero-order hold effect of the DAC, however, the output
spectrum is the product of the zero-order hold spectrum (the
SINC envelope) and the Fourier transform of the impulse stream.
Thus, there is an intrinsic distortion in the output spectrum,
which follows the SINC response.
The SINC response is deterministic and totally predictable. Thus,
it is possible to predistort the input data stream in a manner,
which compensates for the SINC envelope distortion. This can
be accomplished by means of an ISF. The ISF incorporated on
the AD9873 is a 5-tap, linear phase FIR filter. Its frequency
response characteristic is the inverse of the SINC envelope and
it equalizes the SINC droop up to 0.6 times the Nyquist fre-
quency. Figure 12a and Figure 12b show the effectiveness of the
ISF in correcting for the SINC distortion. Figure 12a includes a
graph of the SINC envelope and ISF response while Figure 12b
shows the SYSTEM response (which is the product of the SINC
and ISF responses). It should be mentioned at this point that
the ISF exhibits an insertion loss of 1.4 dB. Thus, signal levels
at the output of the AD9873 with the ISF bypassed are 1.4 dB
higher than with the ISF engaged. However, for modulated
output signals, which have a relatively wide bandwidth, the ben-
efits of the SINC compensation usually outweighed the 1.4 dB
loss in output level. The decision of whether or not to use the
ISF is an application specific system design issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com