Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9875-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9875-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9875-EB Datasheet HTML 11Page - Analog Devices AD9875-EB Datasheet HTML 12Page - Analog Devices AD9875-EB Datasheet HTML 13Page - Analog Devices AD9875-EB Datasheet HTML 14Page - Analog Devices AD9875-EB Datasheet HTML 15Page - Analog Devices AD9875-EB Datasheet HTML 16Page - Analog Devices AD9875-EB Datasheet HTML 17Page - Analog Devices AD9875-EB Datasheet HTML 18Page - Analog Devices AD9875-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. 0
AD9875
–15–
TRANSMIT PATH
The AD9875 transmit path consists of a Digital Interface Port,
a Programmable Interpolation Filter, and a Transmit DAC. All
clock signals required by these blocks are generated from the
fOSCIN signal by the PLL-A clock generator. The block diagram
below shows the interconnection between the major functional
components of the transmit path.
Tx+
Tx–
OSCIN
XTAL
Kx INTERPOLATION
LPF/BPF
CLOCK GEN
PLL-A
L
Tx QUIET
GAIN
Tx [5:0]
Tx SYNC
CLK-A
f
CLK-A
f
DAC = L
f
OSCIN
f
OSCIN
10
10
Tx
DEMUX
TxDAC+
AD9875
Figure 1. Transmit Path Block Diagram
DIGITAL INTERFACE PORT
The transmit Digital Interface Port has several modes of
operation. In its default configuration, the Tx Port accepts six
bit nibbles through the Tx[5:0] and TxSYNC pins and demul-
tiplexes the data into 12-bit words before passing it to the
Interpolation Filter. The input data is sampled on the rising
edge of fCLK-A.
Additional programming options for the Tx Port allow; sampling
the input data on the falling edge of fCLK–A, inversion or dis-
abling of fCLK-A, reversing the order of the nibbles, and inputting
nibble widths of 5 bits/5 bits. Also, the Tx Port interface can be
controlled by the GAIN pin to provide direct access to the Rx
Path Gain Adjust register. All of these modes are fully described
in the Register Programming Definitions section of this data sheet.
The data format is two’s complement, as shown below:
011 . . 11: Maximum
000 . . 01: Midscale + 1 LSB
000 . . 00: Midscale
111 . . 11: Midscale – 1 LSB
111 . . 10: Midscale – 2 LSB
100 . . 00: Minimum
The data can be translated to straight binary data format by
simply inverting the most significant bit.
The timing of the interface is fully described in the Transmit
Timing section of this data sheet.
PLL-A CLOCK DISTRIBUTION
Figure 1 shows the clock signals used in the transmit path. The
DAC sampling clock, fDAC, is generated by DPLL-A. fDAC has a
frequency equal to L
× f
OSCIN, where fOSCIN is the internal signal
generated either by the crystal oscillator when a crystal is con-
nected between the OSCIN and XTAL pins, or by the clock that
is fed into the OSCIN pin, and L is the multiplier programmed
through the serial port. L can have the values of 1, 2, 4, or 8.
The transmit path expects a new half-word of data at the rate
of fCLK-A. When the Tx multiplexer is enabled, the frequency
of the Tx port is:
fCLK-A = 2
× f
DAC/K = 2
× L × f
OSCIN/K
where K is the interpolation factor that can be programmed to
be 1, 2, or 4.
When the Tx multiplexer is disabled, the frequency of the Tx port is:
fCLK-A = fDAC/K = L
× f
OSCIN/K.
INTERPOLATION FILTER
The interpolation filter can be programmed to run at 2
× and 4×
upsampling ratios in each of three different modes. The transfer
functions of these six configurations are shown in TPCs 1–6.
The X-axis of each of these figures corresponds to the frequency
normalized to fDAC. These transfer functions show both the
discrete time transfer function of the interpolation filters alone
and with the SIN(x)/x transfer function of the DAC. The Inter-
polation Filter can also be programmed into a pass-through mode
if no interpolation filtering is desired.
The contents of the interpolation filters are not cleared by
hardware or software resets. It is recommended to “flush” the
transmit data path with zeros before transmitting data.
Table I contains the following parameters as a function of the
mode that it is programmed:
Latency – the number of clock cycles from the time a digital
impulse is written to the DAC until the peak value is output at
the Tx
± pins.
Flush – the number of clock cycles from the time a digital
impulse is written to the DAC until the output at the Tx
± pins
settles to zero.
fLOWER (0.1 dB, 3 dB) – This indicates the lower 0.1 dB or 3 dB
cutoff frequency of the interpolation filter as a fraction of fDAC,
the DAC sampling frequency.
fUPPER (0.1 dB, 3 dB) – This indicates the upper 0.1 dB or 3 dB
cutoff frequency of the interpolation filter as a fraction of fDAC,
the DAC sampling frequency.
Table I. Interpolation Filter Parameters vs. Mode
Register 7[7:4]
0
00
10
40
50
80
C
Mode
4
× LPF 2 × LPF 4 × BPF 2 × BPF 4 × BPF 4 × BPF
Adj.
Adj.
Lower
Upper
Latency, fDAC
86
30
86
30
86
86
Clock Cycles
Flush, fDAC
128
48
128
48
142
142
Clock Cycles
fLOWER, 0.1 dB
0
0
0.398
0.276
0.148/
0.274/
0.774
0.648
fUPPER, 0.1 dB
0.102
0.204
0.602
0.724
0.226/
0.352/
0.852
0.762
fLOWER, 3 dB
0
0
0.381
0.262
0.131/
0.257/
0.757
0.631
fUPPER, 3 dB
0.119
0.238
0.619
0.738
0.243/
0.369/
0.869
0.743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com