Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9875-EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9875-EB
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9875-EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9875-EB Datasheet HTML 12Page - Analog Devices AD9875-EB Datasheet HTML 13Page - Analog Devices AD9875-EB Datasheet HTML 14Page - Analog Devices AD9875-EB Datasheet HTML 15Page - Analog Devices AD9875-EB Datasheet HTML 16Page - Analog Devices AD9875-EB Datasheet HTML 17Page - Analog Devices AD9875-EB Datasheet HTML 18Page - Analog Devices AD9875-EB Datasheet HTML 19Page - Analog Devices AD9875-EB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
AD9875
–16–
D/A CONVERTER
The AD9875 DAC provides differential output current on the
Tx+ and Tx– pins. The value of the output currents are compli-
mentary, meaning that they will always sum to IFS, the full-scale
current of the DAC. For example, when the current from Tx+ is
at full-scale, the current from Tx– is zero. The two currents will
typically drive a resistive load which will convert the output
currents to a voltage. The Tx+ and Tx– output currents are
inherently ground seeking and should each be connected to
matching resistors, RL, that are tied directly to AGND.
The full-scale output current of the DAC is set by the value of
the resistor placed from the FSADJ pin to AGND. The relation-
ship between the resistor, RSET, and the full-scale output current
is governed by the following equation:
IFS = 39.4/RSET
The full-scale current can be set from 2 mA to 20 mA. Gener-
ally, there is a trade-off between DAC performance and power
consumption. The best DAC performance will be realized at an
IFS of 20 mA. However, the value of IFS adds directly to the
overall current consumption of the device.
The single-ended voltage output appearing at the Tx+ and Tx–
nodes are:
VTx+ = ITx+
× R
L
VTx– = ITx–
× R
L
Note that the full-scale voltage of VTx+ and VTx– should not
exceed the maximum output compliance range of 1.5 V to pre-
vent signal compression. To maintain optimum distortion and
linearity performance, the maximum voltages at VTx+ and VTx–
should not exceed 0.5 V.
The single ended full-scale voltage at either output node will be:
VFS = IFS
× R
L
The differential voltage, VDIFF, appearing across VTx+ and VTx– is:
VDIFF = (ITx+ – ITx–)
× R
L
and
VDIFF_FS = IFS
× R
L
For optimum performance, a differential output interface is
recommended since any common-mode noise or distortion can
be supressed.
It should be noted that the differential output impedance of the
DAC is 2
× R
L and any load connected across the two output
resistors will load down the output voltage accordingly.
RECEIVE PATH DESCRIPTION
The receive path consists of a two-stage PGA, a continuous time,
4-pole LPF, an ADC, a digital HPF and a digital data multiplexer.
Also working in conjunction with the receive path is an offset
correction circuit and a digital phase lock loop. Each of these
blocks will be discussed in detail in the following sections.
PROGRAMMABLE GAIN AMPLIFIER
The PGA has a programmable gain range from –6 dB to +36 dB
if the narrower (approximately 12 MHz) LPF bandwidth is
selected, or if the LPF is bypassed. If the wider (approximately
26 MHz) LPF bandwidth is selected, the gain range is –6 dB to
+30 dB. The PGA is comprised of two sections, a Continuous
Time PGA (CPGA) and a Switched Capacitor PGA (SPGA).
The CPGA has possible gain settings of –6, 0, 6, 12, 18, and 24.
The SPGA has possible gain settings of 0, 2, 4, 6, 8, 10, and 12 dB.
Table I shows how the gain is distributed for each programmed
gain setting.
The CPGA input appears at the device Rx+ and Rx– input pins.
The input impedance of this stage is nominally 270
Ω differen-
tial and is not gain dependent. It is best to ac-couple the input
signal to this stage and let the inputs self bias. This will lower the
offset voltage of the input signal, which is important at higher
gains, as any offset will lower the output compliance range of the
CPGA output. When the inputs are driven by direct coupling, the
dc level should be AVDD/2. However, this could lead to larger dc
offsets and consequently reduce the dynamic range of the Rx path.
LOW-PASS FILTER
The Low-Pass Filter (LPF) is a programmable, multistage,
fourth order low-pass filter comprised of two real poles and a
complex pole pair. The first real pole is implemented within the
CPGA. The second filter stage implements a complex pair of
poles. The last real pole is implemented in a buffer stage that
drives the SPGA.
There are two passband settings for the LPF. Within each pass-
band the filters are tunable over about a
30% frequency range.
The formula for the cutoff frequency is:
fCUTOFF LOW = fADC
× 64/(64 + Target)
fCUTOFF HIGH = fADC
× 158/(64 + Target)
Where Target is the decimal value programmed as the tuning
target in Register 5.
This filter may also be bypassed by setting Bit 0 of Register 4.
In this case, the bandwidth of the Rx path will decrease with
increasing gain and be approximately 50 MHz at the highest
gain settings.
ADC
The AD9875’s analog-to-digital converter implements a pipelined
multistage architecture to achieve high sample rates while con-
suming low power. The ADC distributes the conversion over
several smaller A/D subblocks, refining the conversion with
progressively higher accuracy as it passes the results from stage
to stage. As a consequence of the distributed conversion, ADCs
require a small fraction of the 2
N comparators used in a tradi-
tional n-bit flash-type A/D. A sample-and-hold function within
each of the stages permits the first stage to operate on a new
input sample while the remaining stages operate on preceding
samples. Each stage of the pipeline, excluding the last, consists
of a low resolution flash A/D connected to a switched capacitor
DAC and interstage residue amplifier (MDAC). The residue
amplifier amplifies the difference between the reconstructed
DAC output and the flash input for the next stage in the pipe-
line. One bit of redundancy is used in each one of the stages to
facilitate digital correction of flash errors. The last stage simply
consists of a flash A/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com