Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E52201 Datasheet(PDF) 13 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 13 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG E52201 Datasheet HTML 10Page - ELMOS Semiconductor AG E52201 Datasheet HTML 11Page - ELMOS Semiconductor AG E52201 Datasheet HTML 12Page - ELMOS Semiconductor AG E52201 Datasheet HTML 13Page - ELMOS Semiconductor AG E52201 Datasheet HTML 14Page - ELMOS Semiconductor AG E52201 Datasheet HTML 15Page - ELMOS Semiconductor AG E52201 Datasheet HTML 16Page - ELMOS Semiconductor AG E52201 Datasheet HTML 17Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
Figure 5: Typical operating circuit diagram
Table 2: External Components
9 Typical Operating Circuit
AGND
E522.0x
L1
D1
R3
C3
VOUT
LXT
VIN
ON
Opt. EMC Filter
L2
D2
C2
R2
C1
C4
C5
C6
IN
R1
R6
SENSE
SENSE
VOUT
OCP
PGOOD
PGND
PGOOD
GND
external programming for E522.05/06/09
R5
R4
C7
Symbol
Min
Typ
Max
Unit
Description
R1
3.3
kΩ
Pull up resistor for PGOOD
R2
24
60
kΩ
OCP configuration resistor
R3
3.3
kΩ
Optional resistor for connection to VIN
R4
30 1)
kΩ
Resistor for output voltage programming
R5
30
kΩ
Resistor for output voltage programming
R6
0.2
Ω
Optional ESR-equivalent resistor
C1
47
100
µF
Output filter capacitor, low ESR
C2
33
100
nF
Output filter capacitor, low ESR, low ESL type
C3
20
33
µF
Input filter capacitor
C4
220
nF
Input filter capacitor, low ESR, low ESL type
C5
100
nF
EMC capacitor; low ESR, low ESL type
C6
1
nF
EMC capacitor; low ESR, low ESL type
C7
Optional AC-coupling capacitor (see chapter 9.2.5)
L1
18
33
82
µH
Inductor L
LXT @ E522.01-06
L1
10
22
82
µH
Inductor L
LXT @ E522.07-09
L2
EMC ferrite e.g. Würth 742-792-118
D1
Freewheeling diode for LXT, preferred Vishay SS14
D2
Optional reverse polarity protection diode
1) Select for V
OUT according to
R
4= R5⋅(
V OUT−V SENSE
V SENSE
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com