Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E52201 Datasheet(PDF) 2 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 2 Page - ELMOS Semiconductor AG

  E52201 Datasheet HTML 1Page - ELMOS Semiconductor AG E52201 Datasheet HTML 2Page - ELMOS Semiconductor AG E52201 Datasheet HTML 3Page - ELMOS Semiconductor AG E52201 Datasheet HTML 4Page - ELMOS Semiconductor AG E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
1 Functional Diagram
Figure 1: Block diagram
2 Pinout
Figure 2: Package pinout, transparent top view, not to scale.
2.1 Pin Configuration QFN20L4 / TSSOP16
QFN20L4
LXT
PGND
NC
SENSE
SENSE
VIN
NC
ON
NC
PGOOD
1
2
3
4
5
15
14
13
12
11
6
7
8
9
10
20 19 18 17 16
21
E522.0x
TSSOP16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VIN
NC
ON
NC
PGOOD
NC
AGND
NC
LXT
NC
PGND
SENSE
NC
NC
OCP
OCP
Resistor
Driver
Internal
Driver
Transistor
E522.0X
LXT
VIN
DRIVER
ACTIVE
SENSE
OC OFF
IDLE
PFM
Controller
AGND
OCP
IDLE
Detector
IDLE
Power Good
Comparator
VOUT
Comparator
PGND
SENSE
Internal
Supply
VIN
ON
PGOOD
OVT
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com