Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9901 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9901
Description  Ultrahigh Speed Phase/Frequency Discriminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9901 Datasheet(HTML) 7 Page - Analog Devices

  AD9901 Datasheet HTML 1Page - Analog Devices AD9901 Datasheet HTML 2Page - Analog Devices AD9901 Datasheet HTML 3Page - Analog Devices AD9901 Datasheet HTML 4Page - Analog Devices AD9901 Datasheet HTML 5Page - Analog Devices AD9901 Datasheet HTML 6Page - Analog Devices AD9901 Datasheet HTML 7Page - Analog Devices AD9901 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD9901
REV. B
–7–
10
0%
100
90
500mV
200ns
Figure 8. AD9901 Output Waveform
(FO << FI)
It is important to note that the slope of the transfer function is
constant near its midpoint. Many digital phase comparators have
an area near the lock point where their gain goes to zero, result-
ing in a “dead zone.” This causes increased phase noise (jitter) at
the lock point.
The AD9901 avoids this dead zone by shifting it to the end-
points of the transfer curve, as indicated in Figure 7. The in-
creased gain at either end increases the effective error signal to
pull the oscillator back into the linear region. This does not
affect phase noise, which is far more dependent upon lock region
characteristics.
It should be noted, however, that as frequency increases, the
linear range is decreased. At the ends of the detection range, the
reference and oscillator inputs approach phase alignment. At this
point, slew rate limiting in the detector effectively increases
phase gain. This decreases the linear detection by nominally
3.6 ns. Therefore, the typical detection range can be found by
calculating [(1/F – 3.6 ns)/(1/F)]
× 360°. As an example, at
200 MHz the linear phase detection range is
±50°.
Away from lock, the AD9901 becomes a frequency discrimina-
tor. Any time either the reference or oscillator input occurs twice
before the other, the Frequency High or Frequency Low flip-flop
is clocked to logic LOW. This overrides the XOR output and
holds the output at the appropriate level to pull the oscillator
toward the reference frequency. Once the frequencies are within
the linear range, the phase detector circuit takes over again.
Combining the frequency discriminator with the phase detector
eliminates locking to a harmonic of the reference.
Figure 8 shows the effect of the “Frequency Low” flip-flop when
the oscillator frequency is much lower than the reference input.
The narrow pulses, which result from cycles when two positive
reference-input transitions occur before a positive VCO edge,
increase the dc mean value. Figure 9 illustrates the inverse effect
when the “Frequency High” flip-flop reacts to a much higher
VCO frequency.
Figure 10 shows the output waveform at lock for 50 MHz opera-
tion. This output results when the phase difference between
reference and oscillator is approximately –
πRad.
AD9901 APPLICATIONS
The figure below illustrates a phase-locked loop (PLL) system
utilizing the AD9901. The first step in designing this type of
circuit is to characterize the VCO’s output frequency as a func-
tion of tuning voltage. The transfer function of the oscillator in
the diagram is shown in Figure 11.
10
0%
100
90
500mV
200ns
Figure 9. AD9901 Output Waveform
(FO >> FI)
10
0%
100
90
500mV
5ns
Figure 10. AD9901 Output Waveform
(FO = FI = 50 MHz)
VARACTORS TUNING VOLTAGE – Volts
165
–1
155
145
135
125
115
105
95
85
75
65
0
12
3
4
5
6
Figure 11. VCO Frequency vs. Voltage
Next, the range of frequencies over which the VCO is to operate
is examined to assure that it lies on a linear portion of the transfer
curve. In this case, frequencies from 100 MHz to 120 MHz
result from tuning voltages of approximately +1.5 V to +2.5 V.
Because the nominal output swing of the AD9901 is 0 V to –1.8 V,
an inverting amplifier with a gain of 2 follows the loop filter.
As shown in the illustration, a simple passive RC low-pass filter
made up of two resistors and a tantalum capacitor eliminates the
need for an expensive high speed op amp active-filter design. In
this passive-filter second-order-loop system, where n = 2, the
damping factor is equal to:
δ = 0.5 [K
OK d /n(τ1 + τ2)]
1/2 [
τ
2 + (n/KOKd)]
and the values for
τ
1 and τ2 are the low-pass filter’s time con-
stants R1C and R2C. The gain of 2 of the inverting stage, when
combined with the phase detector’s gain, gives:
Kd = 0.572 V/RAD
With KO = 115.2 MRAD/s/V, τ1 equals 1.715s, and τ2 equals
3.11
× 10–4s for the required damping factor of 0.7. The illus-
trated values of 30
Ω (R1), 160 Ω (R2), and 10 µF (C) in the
diagram approximate these time constants.
The gain of the RC filter is:
VO/VI = (1 + sR2C)/[1 + s(R1 + R2)C].
Where KOKd >> ωn, the system’s natural frequency:
ω
n = [KOK d/n(τ1 + τ2)]
1/2 = 4.5 kHz.
For general information about phase-locked loop design, the
user is advised to consult the following references: Gardner,
Phase-Lock Techniques (Wiley); or Best, Phase Locked Loops
(McGraw-Hill).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com