Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9901 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9901
Description  Ultrahigh Speed Phase/Frequency Discriminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9901 Datasheet(HTML) 3 Page - Analog Devices

  AD9901 Datasheet HTML 1Page - Analog Devices AD9901 Datasheet HTML 2Page - Analog Devices AD9901 Datasheet HTML 3Page - Analog Devices AD9901 Datasheet HTML 4Page - Analog Devices AD9901 Datasheet HTML 5Page - Analog Devices AD9901 Datasheet HTML 6Page - Analog Devices AD9901 Datasheet HTML 7Page - Analog Devices AD9901 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD9901
REV. B
–3–
INPUT/OUTPUT EQUIVALENT CIRCUITS
(Based on DIP Pinouts)
TTL Input
ECL Input
Output
DIE LAYOUT AND MECHANICAL INFORMATION
REFERENCE IN (–VS)+VS (GND)
OUTPUT
RSET
GND (–VS)
+VS (GND)
OUTPUT
VCO IN (–VS)
GND (VCO IN)
GND (
VCO IN)
VS (–VS)
GND (–VS)
GND (
REFERENCE IN)
GND (REFERENCE IN
)
Die Dimensions . . . . . . . . . . . . . . . . . 63
× 118 × 16 (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Nitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic
Bond Wire . . . . . . . . 1.25 mil Aluminum; Ultrasonic Bonding
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Options
AD9901KQ
0
°C to +70°C
14-Lead Cerdip
Q-14
AD9901KP
0
°C to +70°C
20-Lead Plastic Leaded Chip Carrier
P-20A
AD9901TQ/883
1
–55
°C to +125°C
14-Lead Cerdip
Q-14
AD9901TE/883
1
–55
°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier
E-20A
NOTE
1For specifications, refer to Analog Devices Military Products Databook.
AD9901 BURN-IN CIRCUIT
(Based on DIP ECL Pinouts)
REG
VMID
1k
180
DA3
DA2
VMID
1k
180
50
0.01 F
–VS (–5.2V)
AD9901
ECL HIGH
ECL LOW
DA2
ECL HIGH
ECL LOW
DA3
ALL RESISTORS
5%
ALL CAPACITORS
20%
ALL SUPPLY VOLTAGES
5%
VMID = –1.3V 5%
STATIC: DA2 = ECL HIGH; DA3 = ECL LOW
DYNAMIC: ECL HIGH
5/12
+5.0V
VCO/REF, INPUT
4/13
3/14
–5.2V
VCO/REF, INPUT
VCO/REF, INPUT
0.47V
REFERENCE
TTL MODE = GROUND
ECL MODE = VS (–5.2V)
RSET
TTL MODE = +VS (+5.0V)
ECL MODE = GROUND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com