Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL37231DRAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL37231DRAZ
Description  10.3125 Gb/s Retiming Dual-Channel Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231DRAZ Datasheet(HTML) 9 Page - Intersil Corporation

  ISL37231DRAZ Datasheet HTML 1Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 2Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 3Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 4Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 5Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 6Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 7Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 8Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ISL37231
9
FN8266.1
January 25, 2013
Package Outline Drawing
C69.5x5B
69 LEAD aQFN 5X5 PACKAGE WITH 0.40 PITCH
Rev 1, 12/12
BOTTOM VIEW
SYMBOL
MILLIMETER
INCH
MIN
NOM.
MAX
MIN
NOM.
MAX
A
-
-
0.85
-
-
0.033
A3
0.020 0.050 0.080 0.001 0.002 0.003
A2
0.640 0.675 0.710 0.025 0.027 0.028
A1
0.120 0.130 0.140 0.005 0.005 0.006
b
0.170 0.200 0.230 0.007 0.008 0.009
D
4.900 5.000 5.100 0.193 0.197 0.201
D2
2.780 2.880 2.980 0.109 0.113 0.117
E
4.900 5.000 5.100 0.193 0.197 0.201
E2
1.940 2.040 2.140 0.076 0.080 0.084
eT
0.400
0.016
eR
0.400
0.016
K
0.200 0.250 0.300 0.008 0.010 0.012
K1
0.160 0.210 0.260 0.006 0.008 0.010
L1
0.160 0.210 0.260 0.006 0.008 0.010
L2
0.230 0.280 0.330 0.009 0.011 0.013
S1
0.260 0.310 0.360 0.010 0.012 0.014
S2
0.330 0.380 0.430 0.013 0.015 0.017
W
0.150 0.180 0.210 0.006 0.007 0.008
TOLERANCES OF FORM AND POSITION
aaa
0.100
0.004
bbb
0.100
0.004
ddd
0.050
0.002
ccc
0.100
0.004
eee
0.100
0.004
fff
0.100
0.004
NOTE:
1. Controlling dimension: mm
SECTION C-C
TOP VIEW
DETAIL "B" (3:1)(69X)
A
B
PIN 1
E
C
C
C.L(PKG.)
D2
E2
K1
C
A
A1
A2
A3
eR
eR
eT
D
eT
0.00
K
2.50 PKG.
2.50 PKG.
B2
B1
B3
B4
B16
B17
B15
B14
A27
A28
A29
A30
A26
A25
A24
B9 B10 B11 B12 B13
B8
B7
B6
A17 A18 A19 A20 A21
A16
A15
A14
A13
A12
A23
A22
A6
A5
A4
A3
A7
A8
A9
A10
A11
B22 B21 B20 B19
B18
B23
B24
B25
B26
A37 A36 A35 A34 A33
A38
A39
A40
A41
A42
A2
A1
A31
A32
B5
B27
(PIN 1 CORNER)
"B"
L1
L2
1.02
1.20
1.23
1.41
1.60
1.72
2.00
2.12
0.92
1.00
1.02
1.20
1.23
1.41
1.60
1.72
2.00
2.12
0.95
0.95
PWR1
PWR2
PWR3
PWR4
W
aaa C
aaa C
CORNER
ccc C
eee C
fff
C A B
M
fff
C A B
M
b
bbb
C A B
ddd
C
S2
S1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com