Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL37231DRAZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL37231DRAZ
Description  10.3125 Gb/s Retiming Dual-Channel Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231DRAZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL37231DRAZ Datasheet HTML 1Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 2Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 3Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 4Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 5Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 6Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 7Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 8Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ISL37231
2
FN8266.1
January 25, 2013
Pin Configuration
ISL37231
(69 LD aQFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL37231DRAZ-TS (Note 1)
ISL372 31DRAZ
0 to +85
69 Ld High Density Array (aQFN)
package (7” 100 pcs.)
C69.5x5B
ISL37231DRAZ-T7 (Note 1)
ISL372 31DRAZ
0 to +85
69 Ld High Density Array (aQFN)
package (7” 1k pcs.)
C69.5x5B
ISL37231DRAZ
ISL372 31DRAZ
0 to +85
69 Ld High Density Array (aQFN)
package
C69.5x5B
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate
- e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL37231. For more information on MSL please see techbrief TB363.
EXPOSED PAD
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A32
A31
A30
A29
A28
A27
A26
A25
A24
A23
A22
A42
A41
A40
A39
A38
A37
A36
A35
A34
A33
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B27
B26
B25
B24
B23
B22
B21
B20
B19
B18
B17
B16
B15
R1
R2
R4
R3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com