Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02808PB Datasheet(PDF) 9 Page - Analog Devices

Part # ADDC02808PB
Description  28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02808PB Datasheet(HTML) 9 Page - Analog Devices

Back Button ADDC02808PB Datasheet HTML 5Page - Analog Devices ADDC02808PB Datasheet HTML 6Page - Analog Devices ADDC02808PB Datasheet HTML 7Page - Analog Devices ADDC02808PB Datasheet HTML 8Page - Analog Devices ADDC02808PB Datasheet HTML 9Page - Analog Devices ADDC02808PB Datasheet HTML 10Page - Analog Devices ADDC02808PB Datasheet HTML 11Page - Analog Devices ADDC02808PB Datasheet HTML 12Page - Analog Devices ADDC02808PB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADDC02808PB
REV. A
–9–
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME –
s
Figure 21. Predicted Response for 24 A Step Load
Change in Load Current, di/dt = 12 A/
µs, for C
LOAD =
2,000
µF and R
ESR = 5 mΩ
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME –
s
Figure 22. Predicted Response for 24 A Step Load
Change in Load Current, di/dt = 12 A/
µs, for C
LOAD =
4,000
µF and R
ESR = 2.5 mΩ
Factory Set Internal Compensation
If the user knows the external load capacitance and RESR to be
used in the application and if the application requires better
pulse response than is summarized in Table I, then the internal
feedback compensation can be modified at the factory to im-
prove the transient response. In these instances, the compensa-
tion is optimized for a particular CLOAD at the expense of
performing well over a broader range of CLOAD. The predicted
maximum output voltage deviation and settling times for fac-
tory-modified feedback compensation are shown in Figures 23,
24, and 25, and summarized in Table II, for three combinations
of CLOAD and RESR. As can be seen, optimizing the compensa-
tion for a given load capacitance gives the best transient re-
sponse in terms of both voltage deviation and settling time.
Table II.
Output Response to a 24 A (1 A-25 A) Step in
Load Current (Compensation Optimized)
Typical
Settling Time
See
CLOAD
RESR
Deviation
(Within 1%)
Figure
1,000
µF
10 m
Ω
–4%
125
µs23
2,000
µF5 mΩ
–2.5%
100
µs24
4,000
µF
2.5 m
Ω
–1%
0
µs25
Connection to Load
Pulse performance is dependent on minimizing the parasitic
impedances in the connection between the converter output and
the load and external capacitors. Low inductance and low resis-
tance connections should be used. Multilayer connections should
be avoided to minimize stray capacitance. The converter should
be placed as close to the load and external capacitors as possible.
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME –
s
Figure 23. Predicted Response for 24 A Step Load Change,
di/dt = 12 A/
µs, with Factory Set Internal Compensation
Optimized for CLOAD = 1,000 µF and RESR = 10 mΩ
8.1
7.4
–200
800
–100
0
100
200
300
400
500
600
700
8
7.9
7.8
7.7
7.6
7.5
TIME –
s
Figure 24. Predicted Response for 24 A Step Load Change,
di/dt = 12 A/
µs, with Factory Set Internal Compensation
Optimized for CLOAD = 2,000 µF and RESR = 5 mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com