Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02808PB Datasheet(PDF) 20 Page - Analog Devices

Part # ADDC02808PB
Description  28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02808PB Datasheet(HTML) 20 Page - Analog Devices

Back Button ADDC02808PB Datasheet HTML 12Page - Analog Devices ADDC02808PB Datasheet HTML 13Page - Analog Devices ADDC02808PB Datasheet HTML 14Page - Analog Devices ADDC02808PB Datasheet HTML 15Page - Analog Devices ADDC02808PB Datasheet HTML 16Page - Analog Devices ADDC02808PB Datasheet HTML 17Page - Analog Devices ADDC02808PB Datasheet HTML 18Page - Analog Devices ADDC02808PB Datasheet HTML 19Page - Analog Devices ADDC02808PB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADDC02808PB
REV. A
–20–
Screening Levels for ADDC02808PB
Screening Steps
Industrial (KV)
Ruggedized Industrial (TV)
MIL-STD-883B/SMD (TV/QMLH)
Pre-Cap Visual
100%
MIL-STD-883, TM2017
Temp Cycle
N/A
N/A
Constant Acceleration
N/A
N/A
Fine Leak
Guaranteed to Meet
Guaranteed to Meet
MIL-STD-883, TM1014
MIL-STD-883, TM1014
Compliant to MIL-PRF-38534
Gross Leak
Guaranteed to Meet
Guaranteed to Meet
MIL-STD-883, TM1014
MIL-STD-883, TM1014
Burn-In
N/A
MIL-STD-883, TM1015,
96 Hrs at +125
°C Case
Final Electrical Test
At +25
°C, Per Specification
At +25
°C, Per Specification
Table
Table
NOMINAL CASE DIMENSIONS IN INCHES AND (mm).
[All tolerances
± 0.005" (±.13 mm) unless otherwise specified]
0.150 (3.81)
0.100 (2.54)
8 PLCS
0.200 (5.08)
0.150 (3.81)
0.200 (5.08)
0.390
0.010
(9.91
0.25)
0.800
0.010
(20.32
0.25)
1.145 (29.08)
2 PLCS
0.150 (3.81)
4 PLCS
TOP VIEW
0.149 (3.78)
DIA TYP
0.300 (7.62) SQ
0.010
4 PLCS
0.200 (5.08) 5 PLCS
0.250 (6.35)
2 PLCS
1.500
0.010
(38.10
0.25)
0.040
0.003
(1.02
0.08)
0.090
0.010
(2.29
0.25)
4 PLCS
2.745
0.010
(69.72
0.25)
1.800
(45.72)
TYP
2.100
0.010
(53.34
0.25)
NOTES
1. The final product weight is 85 grams maximum.
2. The package base material is made of molybdenum and is
nominally 40 mils (1.02 mm) thick. The “runout” is less
than 2 mils per inch (0.02 mm per cm).
3. The high current pins (10–17) are 40 mil (1.02 mm) diameter;
are 99.8% copper; and are plated with gold over nickel.
4. The signal carrying pins (1–9) are 18 mil (0.46 mm) diam-
eter; are Kovar; and are plated with gold over nickel.
5. All pins are a minimum length of 0.740 inches (18.80 mm)
when the product is shipped. The pins are typically bent up
or down and cut shorter for proper connection into the user’s
system.
6. All pin-to-sidewall spacings are guaranteed for a minimum of
500 V dc breakdown at standard air pressure.
7. The case outline was originally designed using the inch-pound
units of measurement. In the event of conflict between the
metric and inch-pound units, the inch-pound shall take
precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com