Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7752
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 5 Page - Analog Devices

  ADE7752 Datasheet HTML 1Page - Analog Devices ADE7752 Datasheet HTML 2Page - Analog Devices ADE7752 Datasheet HTML 3Page - Analog Devices ADE7752 Datasheet HTML 4Page - Analog Devices ADE7752 Datasheet HTML 5Page - Analog Devices ADE7752 Datasheet HTML 6Page - Analog Devices ADE7752 Datasheet HTML 7Page - Analog Devices ADE7752 Datasheet HTML 8Page - Analog Devices ADE7752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
REV. PrB 08/01
–5–
PRELIMINARY TECHNICAL DATA
ADE7752
PIN FUNCTION DESCRIPTION
Pin No.
MNEMONIC
DESCRIPTION
1
C F
Calibration Frequency Logic Output. The CF logic output gives instantaneous real
power information. This output is intended to be used for calibration purposes. Also see
SCF pin description.
2
DGND
This provides the ground reference for the digital circuitry in the ADE7752, i.e. multi-
plier, filters and digital-to-frequency converter. Because the digital return currents in
the ADE7752 are small, it is acceptable to connect this pin to the analog ground plane
of the whole system - see Applications Information. However high bus capacitance on the
DOUT pin may result in noisy digital current which could affect performance.
3
VDD
Power supply. This pin provides the supply voltage for the digital circuitry in the
ADE7752. The supply voltage should be maintained at 5V ± 5% for specified opera-
tion. This pin should be decoupled to DGND with a 10µF capacitor in parallel with a
ceramic 100nF capacitor.
4
REVP
This logic output will go logic high when negative power is detected on any of the three
phase inputs, i.e., when the phase angle between the voltage and the current signals is
greater that 90°. This output is not latched and will be reset when positive power is
once again detected. The output will go high or low at the same time as a pulse is is-
sued on CF.
5,6;
IAP, IAN;
Analog inputs for current channel. This channel is intended for use with the current
7,8;
IBP, IBN;
transducer and is referenced in this document as the current channel. These inputs are
9,10
ICP, ICN
fully differential voltage inputs with maximum differential input signal levels of
±0.125V -See Analog Inputs. Both inputs have internal ESD protection circuitry, and in
addition an overvoltage of ±6V can be sustained on these inputs without risk of perma
nent damage.
11
AGND
This pin provides the ground reference for the analog circuitry in the ADE7754, i.e.
ADCs, temperature sensor, and reference. This pin should be tied to the analog ground
plane or the quietest ground reference in the system. This quiet ground reference
should be used for all analog circuitry, e.g. anti aliasing filters, current and voltage
transducers etc. In order to keep ground noise around the ADE7754 to a minimum, the
quiet ground plane should only connected to the digital ground plane at one point. It is
acceptable to place the entire device on the analog ground plane - see Applications Informa-
tion.
12
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a
nominal value of 2.5V ± 8% and a typical temperature coefficient of 30ppm/°C. An
external reference source may also be connected at this pin. In either case this pin
should be decoupled to AGND with a 1µF ceramic capacitor.
13-16
VN,VCP,
Analog inputs for the voltage channel. This channel is intended for use with the voltage
VBP, VAP
transducer and is referenced as the voltage channel in this document. These inputs are
single-ended voltage inputs with maximum signal level of ±0.125V with respect to VN
for specified operation. All inputs have internal ESD protection circuitry, and in addi
tion an over voltage of ±6V can be sustained on these inputs without risk of permanent
damage.
17
RESET
Reset pin for the ADE7752. A logic low on this pin will hold the ADCs and digital
circuitry (including the Serial Interface) in a reset condition.
18
S C F
Select Calibration Frequency. This logic input is used to select the frequency on the
calibration output CF. Table IV shows how the calibration frequencies are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com