Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7752
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7752 Datasheet HTML 2Page - Analog Devices ADE7752 Datasheet HTML 3Page - Analog Devices ADE7752 Datasheet HTML 4Page - Analog Devices ADE7752 Datasheet HTML 5Page - Analog Devices ADE7752 Datasheet HTML 6Page - Analog Devices ADE7752 Datasheet HTML 7Page - Analog Devices ADE7752 Datasheet HTML 8Page - Analog Devices ADE7752 Datasheet HTML 9Page - Analog Devices ADE7752 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REV. PrB 08/01
–9–
PRELIMINARY TECHNICAL DATA
ADE7752
()
()


+
⋅
⋅
⋅




+
⋅
⋅
−


+
⋅
⋅
+
⋅
⋅
⋅




+
⋅
⋅
−
⋅
⋅
=
−
×
−
+
−
×
−
=
3
2
cos
2
3
4
cos
2
3
2
cos
2
cos
2
3
4
cos
2
cos
2
)
(
)
(
)
(
)
(
π
ω
π
ω
π
ω
ω
π
ω
ω
t
I
t
V
t
V
t
I
t
V
t
V
P
IBN
IBP
VC
VB
IAN
IAP
VC
VA
P
l
B
l
C
l
B
l
A
l
C
l
A
For simplification, we assume that
φA = φB = φC = 0 and VA
= VB =VC = V. The equation above becomes:
()
()


+
⋅
+
⋅


⋅
⋅
⋅
+
⋅


+
⋅


⋅
⋅
⋅
=
3
2
cos
sin
3
sin
2
cos
3
2
sin
3
2
sin
2
π
ω
π
ω
π
ω
π
ω
π
t
t
I
V
t
t
I
V
P
l
l
B
l
l
A
(9)
P then becomes:




+
+


⋅
⋅
+


+
+


⋅
⋅
=
3
2
sin
3
sin
3
2
2
sin
3
2
sin
π
ω
π
π
ω
π
t
I
V
t
I
V
P
l
B
BN
l
A
AN
(10)
Where:
VAN = V . sin(2
π/3) represents the RMS voltage between
VAP and VN pins of the ADE7752
VBN = V . sin (
π/3) represents the RMS voltage between
VBP and VN pins of the ADE7752.
As the LPF on each channel eliminates the 2
ω
l component of
the equation, the Real power measured by the ADE7752 is:
2
3
2
3
⋅
⋅
+
⋅
⋅
=
B
BN
A
AN
I
V
I
V
P
Where:
VAN and VBN are the voltage RMS at the voltage inputs of
the ADE7752 after voltage sensing
IA and IB are the voltage RMS at the current input of the
ADE7752 after current sensing
If full scale AC voltage of ±125 mV peak are applied to the
Voltage channels and Current channels, the expected output
frequency is calculated as follows:
F1–5
= 0.596 Hz, SCF = S0 = S1 = 1
VAN = VBN = IA = IB
= 125 mV peak AC = 0.125/ 2 volts rms
VCN = IC = 0
VREF
= 2.5 V (nominal reference value).
NOTE: If the on-chip reference is used, actual
output frequencies may vary from device to
device due to reference tolerance of ±8%.
14
.
0
2
3
5
.
2
2
2
596
.
0
125
.
0
125
.
0
2
.
109
2
2
=
×
×
×
×
×
×
×
=
Freq
Table III shows a complete listing of all maximum output
frequencies when using all three channels inputs.
Table III. Maximum Output Frequency on F1 and F2
Max Frequency
Max Frequency
SCF
S1
S0
for DC Inputs (Hz)
for AC Inputs (Hz)
1
1
1
0.48
0.24
0
1
1
62.52
31.26
-
1
0
15.6
7.8
-
0
1
3.9
1.95
-
0
0
0.96
0.48
Frequency Output CF
The pulse output CF (Calibration Frequency) is intended for
use during calibration. The output pulse rate on CF can be
up to 160 times the pulse rate on F1 and F2. The lower the
F1–5 frequency selected, the higher the CF scaling. Table IV
shows how the two frequencies are related, depending on the
states of the logic inputs S0, S1 and SCF. Because of its
relatively high pulse rate, the frequency at this logic output
is proportional to the instantaneous real power. As is the case
with F1 and F2, the frequency is derived from the output of
the low-pass filter after multiplication. However, because the
output frequency is high, this real power information is
accumulated over a much shorter time. Hence less averaging
is carried out in the digital-to-frequency conversion. With
much less averaging of the real power signal, the CF output
is much more responsive to power fluctuations—see Signal
Processing Block in Figure 8.
Table IV. Maximum Output Frequency on CF
SCF
S1
S0
F1–5 (Hz)
CF Max for AC Signals (Hz)
0
0
0
1.19
160 x F1, F2 = 78.12
1
0
0
1.19
8 x F1, F2 = 3.90
0
0
1
4.77
160 x F1, F2 = 312.51
1
0
1
4.77
16 x F1, F2 = 31.26
0
1
0
19.07
16 x F1, F2 = 130.56
1
1
0
19.07
8 x F1, F2 = 62.49
0
1
1
76.29
8 x F1, F2 = 250
1
1
1
0.596
16 x F1, F2 = 3.90 Hz
Frequency Outputs
Figure 1 shows a timing diagram for the various frequency
outputs. The outputs F1 and F2 are the low frequency
outputs that can be used to directly drive a stepper motor or
electromechanical impulse counter. The F1 and F2 outputs
provide two alternating high going pulses. The pulsewidth
(t1) is set at 275 ms and the time between the rising edges of
F1 and F2 (t3) is approximately half the period of F1 (t2). If
however the period of F1 and F2 falls below 550 ms (1.81 Hz)
the pulsewidth of F1 and F2 is set to half of their period. The
maximum output frequencies for F1 and F2 are shown in
Table III.
The high frequency CF output is intended to be used for
communications and calibration purposes. CF produces a
90 ms-wide active high pulse (t4) at a frequency proportional
to active power. The CF output frequencies are given in
Table IV. As in the case of F1 and F2, if the period of CF
(t5) falls below 180 ms, the CF pulsewidth is set to half the
period. For example, if the CF frequency is 20 Hz, the CF
pulsewidth is 25 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com