Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1237 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP1237_11 Datasheet HTML 9Page - ON Semiconductor NCP1237_11 Datasheet HTML 10Page - ON Semiconductor NCP1237_11 Datasheet HTML 11Page - ON Semiconductor NCP1237_11 Datasheet HTML 12Page - ON Semiconductor NCP1237_11 Datasheet HTML 13Page - ON Semiconductor NCP1237_11 Datasheet HTML 14Page - ON Semiconductor NCP1237_11 Datasheet HTML 15Page - ON Semiconductor NCP1237_11 Datasheet HTML 16Page - ON Semiconductor NCP1237_11 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
NCP1237
http://onsemi.com
13
TYPICAL PERFORMANCE CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
2.42
2.44
2.46
2.48
2.50
Figure 34. Skip Thresholds vs. Junction
Temperature
Figure 35. Soft−Skip Timer Duration vs.
Junction Temperature
Figure 36. Latch OVP Threshold vs. Junction
Temperature
Figure 37. Latch OTP Threshold vs. Junction
Temperature
Figure 38. Latch OTP Current Source vs.
Junction Temperature
75
50
−25
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
70
75
80
85
95
75
50
−25
2.43
2.45
2.47
2.49
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
0.64
0.68
0.72
0.76
0.80
75
50
−25
90
0.66
0.70
0.74
0.78
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
0.74
0.76
0.78
0.80
75
50
−25
0.75
0.77
0.79
0.81
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
76
78
80
82
88
75
50
−25
84
86
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
46
50
54
58
66
75
50
−25
48
52
56
60
110
100
0.82
94
90
105
Vskip(in)
Vskip(out)
0.82
0.86
0.84
Figure 39. Blanking Time on OVP Detection vs.
Junction Temperature
125
115
0.83
0.84
92
62
120
96
98
64
135
130
2.52
2.54
2.51
2.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com