Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1237 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1237_11 Datasheet HTML 1Page - ON Semiconductor NCP1237_11 Datasheet HTML 2Page - ON Semiconductor NCP1237_11 Datasheet HTML 3Page - ON Semiconductor NCP1237_11 Datasheet HTML 4Page - ON Semiconductor NCP1237_11 Datasheet HTML 5Page - ON Semiconductor NCP1237_11 Datasheet HTML 6Page - ON Semiconductor NCP1237_11 Datasheet HTML 7Page - ON Semiconductor NCP1237_11 Datasheet HTML 8Page - ON Semiconductor NCP1237_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
NCP1237
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Pin (pin 6) (Note 1)
Voltage range
Current range
VCCMAX
ICCMAX
–0.3 to 28
$30
V
mA
High Voltage Pin (pin 8) (Note 1)
Voltage range
Current range
VHVMAX
IHVMAX
–0.3 to 500
$20
V
mA
Driver Pin (pin 5) (Note 1)
Voltage range
Current range
VDRVMAX
IDRVMAX
–0.3 to 20
$1500
V
mA
All other pins (Note 1)
Voltage range
Current range
VMAX
IMAX
–0.3 to 10
$10
V
mA
Thermal Resistance SOIC−7
Junction−to−Air, low conductivity PCB (Note 2)
Junction−to−Air, medium conductivity PCB (Note 3)
Junction−to−Air, high conductivity PCB (Note 4)
RqJA
162
147
125
°C/W
Temperature Range
Operating Junction Temperature
Storage Temperature Range
TJMAX
TSTRGMAX
−40 to +150
−60 to +150
°C
ESD Capability
Human Body Model (HBM) per JEDEC standard JESD22, Method A114E (All pins except HV)
Machine Model (MM) per JEDEC standard JESD22, Method A115A
2000
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78
2. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 100 mm2 of 1 oz copper traces and heat spreading area. As specified
for a JEDEC 51−1 conductivity test PCB. Test conditions were under natural convection or zero air flow.
3. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 100 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51−2 conductivity test PCB. Test conditions were under natural convection or zero air flow.
4. As mounted on a 80 x 100 x 1.5 mm FR4 substrate with a single layer of 650 mm2 of 1 oz copper traces and heat spreading area. As specified
for a JEDEC 51−3 conductivity test PCB. Test conditions were under natural convection or zero air flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com