Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759ARS Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7759ARS
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759ARS Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7759ARS Datasheet HTML 17Page - Analog Devices ADE7759ARS Datasheet HTML 18Page - Analog Devices ADE7759ARS Datasheet HTML 19Page - Analog Devices ADE7759ARS Datasheet HTML 20Page - Analog Devices ADE7759ARS Datasheet HTML 21Page - Analog Devices ADE7759ARS Datasheet HTML 22Page - Analog Devices ADE7759ARS Datasheet HTML 23Page - Analog Devices ADE7759ARS Datasheet HTML 24Page - Analog Devices ADE7759ARS Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. 0
ADE7759
–21–
INSTANTANEOUS
POWER SIGNAL
p(t) = V
I – V
I
cos(2 t)
ACTIVE REAL POWER
SIGNAL = V
I
1999Ah
VI
CCCDh
00000h
CURRENT
i(t) = 2
I
sin( t)
VOLTAGE
v(t) = 2
V
sin( t)
Figure 32. Active Power Calculation
FREQUENCY – Hz
–24
1
–20
3
10
30
100
–12
–16
–8
–4
0
Figure 33. Frequency Response of LPF2
Figure 34 shows the signal processing chain for the Active Power
calculation in the ADE7759. As explained, the Active Power is
calculated by low pass filtering the instantaneous power signal.
1
20
LPF2
V
I
CCCDh
1999Ah
1999Ah
00h
INSTANTANEOUS POWER SIGNAL – p(t)
–40% TO +40% FS
ACTIVE POWER
SIGNAL – P
CURRENT SIGNAL – i(t)
HPF
VOLTAGE SIGNAL – v(t)
MULTIPLIER
Figure 34. Active Power Signal Processing
Shown in Figure 35 is the maximum code (hexadecimal) output
range for the Active Power signal (LPF2) when the digital inte-
grator is disabled. Note that when the integrator is enabled, the
output range changes depending on the input signal frequency.
Furthermore, the output range can also be changed by the Active
Power Gain register—see Channel 1 ADC section. The minimum
output range is given when the Active Power Gain register con-
tents are equal to 800h, and the maximum range is given by writing
7FFh to the Active Power Gain register. This can be used to calibrate
the Active Power (or Energy) calculation in the ADE7759.
+30% FS
+20% FS
+10% FS
–10% FS
–20% FS
–30% FS
13333h
CCCDh
6666h
F999Ah
F3333h
ECCCDh
00000h
POSITIVE
POWER
NEGATIVE
POWER
000h
7FFh
800h
{APGAIN [11:0]}
CHANNEL 1 (ACTIVE POWER)
CALIBRATION RANGE
Figure 35. Active Power Calculation Output Range
ENERGY CALCULATION
As stated earlier, power is defined as the rate of energy flow.
This relationship can be expressed mathematically as:
P
dE
dt
=
(5)
Where P = Power and E = Energy
Conversely, Energy is given as the integral of Power:
E
Pdt
=∫
(6)
The AD7759 achieves the integration of the Active Power signal
by continuously accumulating the Active Power signal in the 40-
bit Active Energy register (ASENERGY[39:0]). This discrete
time accumulation or summation is equivalent to integration in
continuous time. Equation 7 expresses this relationship.
E
P t dt
Lim
p nT
T
T
n
=∫
=
×
=
()
(
)
0
0
(7)
Where n is the discrete time sample number and T is the sample period.
The discrete time sample period (T) for the accumulation regis-
ter in the ADE7759 is 1.1
µs (4/CLKIN). As well as calculating
the Energy, this integration removes any sinusodial components
which may be in the Active Power signal.
Figure 36 shows a graphical representation of this discrete time
integration or accumulation. The Active Power signal in the
Waveform register is continuously added to the Active Energy
register. This addition is a signed addition; therefore negative
energy will be subtracted from the Active Energy contents.
As shown in Figure 36, the Active Power signal is accumulated
in a 40-bit signed register (AENERGY[39:0]). The Active
Power signal can be read from the Waveform register by setting
MODE[14:13] = 0, 0 and setting the WSMP bit (Bit 3) in the
Interrupt Enable register to 1. Like Channel 1 and Channel 2
waveform sampling modes, the waveform data is available at
sample rates of 27.9 kSPS, 14 kSPS, 7 kSPS, or 3.5 kSPS—see
Figure 24. Figure 37 shows this energy accumulation for full-
scale signals (sinusodial) on analog inputs. The three curves
displayed illustrate the minimum period of time it takes the
energy register to roll over when the Active Power Gain register
contents are 7FFh, 000h, and 800h. The Active Power Gain
register is used to carry out power calibration in the ADE7759.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com