Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759ARS Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7759ARS
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759ARS Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7759ARS Datasheet HTML 24Page - Analog Devices ADE7759ARS Datasheet HTML 25Page - Analog Devices ADE7759ARS Datasheet HTML 26Page - Analog Devices ADE7759ARS Datasheet HTML 27Page - Analog Devices ADE7759ARS Datasheet HTML 28Page - Analog Devices ADE7759ARS Datasheet HTML 29Page - Analog Devices ADE7759ARS Datasheet HTML 30Page - Analog Devices ADE7759ARS Datasheet HTML 31Page - Analog Devices ADE7759ARS Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
REV. 0
ADE7759
–28–
Table IV. Register List
Address
Name
R/W
# of Bits
Default
Description
01h
WAVEFORM
R
24/40
0h
The Waveform register is a read-only register. This register contains
the sampled waveform data from Channel 1, Channel 2, or the Active
Power signal. The data source and the length of the Waveform regis-
ters are selected by data bits 14 and 13 in the Mode Register—see
Channel 1 and 2 Sampling section.
02h
AENERGY
R
40
0h
The Active Energy Register. Active Power is accumulated (Integrated)
over time in this 40-bit, read-only register. The energy register can hold
a minimum of 11.53 seconds of Active Energy information with full-
scale analog inputs before it overflows—see Energy Calculation section.
03h
RSTENERGY
R
40
0h
Same as the Active Energy Register except that the register is reset to 0
following a read operation.
04h
STATUS
R
8
40h
Interrupt Status Register. This is an 8-bit read-only register. The status
register contains information regarding the source of ADE7759 inter-
rupts—see Interrupts section.
05h
RSTSTATUS
R
8
0h
Same as the Interrupt Status Register except that the register contents
are reset to 0 (all flags cleared) after a read operation.
06h
MODE
R/W
16
000Ch
The Mode Register. This is a 16-bit register through which most of the
ADE7759 functionality is accessed. Signal sample rates, filter enabling
and calibration modes are selected by writing to this register. The
contents may be read at any time—see Mode Register section.
07h
CFDEN
R/W
12
3Fh
CF Frequency Divider Denominator Register. The output frequency
on the CF pin is adjusted by writing to this 12-bit read/write register—
see Energy-to-Frequency Conversion section.
08h
CH1OS
R/W
8
80h
Channel 1 Offset Adjust. The MSB is used to enable the digital integra-
tor. Bit 6 is not used. Writing to Bit 0 to 5 allows offsets on Channel 1
to be removed—see Analog Inputs section and CH1OS Register section.
09h
CH2OS
R/W
6
0h
Channel 2 Offset Adjust. Writing to this 6-bit register allows any offsets
on Channel 2 to be removed—see Analog Inputs section.
0Ah
GAIN
R/W
8
0h
PGA Gain Adjust. This 8-bit register is used to adjust the gain selec-
tion for the PGA in Channel 1 and 2—see Analog Inputs section.
0Bh
APGAIN
R/W
12
0h
Active Power Gain Adjust. This is a 12-bit register. The Active Power
calculation can be calibrated by writing to this register. The calibration
range is
±50% of the nominal full-scale active power. The resolution of the
gain adjust is 0.0244%/LSB—see Channel 1 ADC Gain Adjust section.
0Ch
PHCAL
R/W
8
0h
Phase Calibration Register. The phase relationship between Channel 1
and Channel 2 can be adjusted by writing to this 8-bit register. The
valid content of this two’s complement register is between 9Eh and
5Ch, which is a phase difference of –2.365
° to +2.221° at 60 Hz in
0.0241
° steps—see Phase Compensation section.
0Dh
APOS
R/W
16
0h
Active Power Offset Correction. This 16-bit register allows small off-
sets in the Active Power calculation to be removed—see Active Power
Calculation section.
CHECKSUM REGISTER
The ADE7759 has a Checksum register (CHKSUM[5:0]) to
ensure the data bits received in the last serial read operation are
not corrupted. The 6-bit Checksum register is reset before the
first bit (MSB of the register to be read) is put on the DOUT
pin. During a serial read operation, when each data bit becomes
available on the rising edge of SCLK, the bit will be added to
the Checksum register. In the end of the serial read operation,
the content of the Checksum register will be the sum of all the ones
contained in the register previously read. Using the Checksum
register, the user can determine if an error has occurred during
the last read operation.
Note that a read to the CHKSUM register will also generate a
checksum of the CHKSUM register itself.
CONTENT OF REGISTER (n-bytes)
CHECKSUM REGISTER
ADDR: 1Eh
+
+
DOUT
Figure 47. Checksum Register for Serial Interface Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com