Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759ARSRL Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7759ARSRL
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759ARSRL Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7759ARSRL Datasheet HTML 18Page - Analog Devices ADE7759ARSRL Datasheet HTML 19Page - Analog Devices ADE7759ARSRL Datasheet HTML 20Page - Analog Devices ADE7759ARSRL Datasheet HTML 21Page - Analog Devices ADE7759ARSRL Datasheet HTML 22Page - Analog Devices ADE7759ARSRL Datasheet HTML 23Page - Analog Devices ADE7759ARSRL Datasheet HTML 24Page - Analog Devices ADE7759ARSRL Datasheet HTML 25Page - Analog Devices ADE7759ARSRL Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. 0
ADE7759
–22–
As shown, the fastest integration time will occur when the Active
Power Gain register is set to maximum full scale, i.e., 7FFh.
7F,FFFF,FFFFh
3F,FFFF,FFFFh
00,0000,0000h
40,0000,0000
80,0000,0000h
AENERGY [39:0]
5.8s
11.5s
23s
TIME – sec
APGAIN = 7FFh
APGAIN = 000h
APGAIN = 800h
Figure 37. Energy Register Rollover Time for Full-Scale
Power (Minimum and Maximum Power Gain)
Note that the energy register contents will roll over to full-scale
negative (80,0000,0000h) and continue increasing in value when
the power or energy flow is positive—see Figure 37. Conversely,
if the power is negative, the energy register would underflow to
full-scale positive (7F, FFFF, FFFFh) and continue decreasing
in value. By using the Interrupt Enable register, the ADE7759
can be configured to issue an interrupt (
IRQ) when the Active
Energy register is half-full (positive or negative) or when an
over/underflow occurs.
Integration Time under Steady Load
As mentioned in the last section, the discrete time sample period
(T) for the accumulation register is 1.1
µs (4/CLKIN). With
full-scale sinusoidal signals on the analog inputs, digital integrator
turned off, and the Active Power Gain register set to 000h, the
average word value from LPF2 is CCCD—see Figures 34 and 35.
The maximum value that can be stored in the Active Energy
register before it overflows is 2
39 or 7F,FFFF,FFFFh. Therefore the
integration time under these conditions is calculated as follows:
Time
F FFFF FFFFh
CCCDh
s
onds
=×
=
7
1 1
11 53
,,
..
µ
sec
POWER OFFSET CALIBRATION
The ADE7759 also incorporates an Active Power Offset register
(APOS[15:0]). This is a signed two’s complement 16-bit register
that can be used to remove offsets in the active power calculation—
see Figure 36. An offset may exist in the power calculation due
to crosstalk between channels on the PCB or in the IC itself.
The offset calibration will allow the contents of the Active Power
register to be maintained at zero when no power is being consumed.
Two hundred fifty-six LSBs (APOS = 0100h) written to the Active
Power Offset register are equivalent to 1 LSB in the Waveform
Sample register. Assuming the average value outputs from LPF2
to store in the Waveform register is CCCDh (52,429 in decimal)
when inputs on Channels 1 and 2 are both at full scale and the
digital integrator is turned off. At –60 dB down on Channel 1 (1/1000
of the Channel 1 full-scale input), the average word value outputs
from LPF2 is 52.429 (52,429/1,000). One LSB in the Waveform
register has a measurement error of 1/52.429
× 100% = 1.9% of
the average value. The Active Power Offset register has a resolution
equal to 1/256 LSB of the Waveform register, hence the power
offset correction resolution is 0.007%/LSB (1.9%/256) at –60 dB.
When the digital integrator is turned on, the resolution of the
LSB varies slightly with the line frequency.
ENERGY-TO-FREQUENCY CONVERSION
ADE7759 also provides energy to frequency conversion for cali-
bration purposes. After initial calibration at manufacturing, the
manufacturer or end customer will often verify the energy meter
calibration. One convenient way to verify the meter calibration
is for the manufacturer to provide an output frequency that is pro-
portional to the energy or active power under steady load conditions.
This output frequency can provide a simple, single-wire, optically
SIGN 26
25
24
23
22
21
20
2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8
15
0
APOS [15:0]
LPF2
20
CURRENT CHANNEL
VOLTAGE CHANNEL
TIME – nT
4
CLKIN
T
WAVEFORM
REGISTER
VALUES
ACTIVE POWER
SIGNAL = P
+
+
+
+
WAVEFORM [24:0]
AENERGY [39:0]
WAVEFORM REGISTER VALUES ARE
ACCUMULATED (INTEGRATED) IN
THE ACTIVE ENERGY REGISTER
23
0
39
0
Figure 36. Energy Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com