Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7759ARSRL Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7759ARSRL
Description  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7759ARSRL Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7759ARSRL Datasheet HTML 24Page - Analog Devices ADE7759ARSRL Datasheet HTML 25Page - Analog Devices ADE7759ARSRL Datasheet HTML 26Page - Analog Devices ADE7759ARSRL Datasheet HTML 27Page - Analog Devices ADE7759ARSRL Datasheet HTML 28Page - Analog Devices ADE7759ARSRL Datasheet HTML 29Page - Analog Devices ADE7759ARSRL Datasheet HTML 30Page - Analog Devices ADE7759ARSRL Datasheet HTML 31Page - Analog Devices ADE7759ARSRL Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
REV. 0
ADE7759
–30–
Bit
Bit
Location
Mnemonic
Description
0 to 4
A0 to A4
The five LSBs of the Communications register specify the register for the data transfer operation.
Table III lists the address of each ADE7759 on-chip register.
5 to 6
RESERVED
These bits are unused and should be set to zero.
7W/
R
When this bit is a Logic 1, the data transfer operation immediately following the write to the
Communications register will be interpreted as a write to the ADE7759. When this bit is a
Logic 0 the data transfer operation immediately following the write to the Communications
register will be interpreted as a read operation.
Mode Register (06H)
The ADE7759 functionality is configured by writing to the MODE register—see Figure 45. Table VI summarizes the functionality of
each bit in the Mode Register.
Table VI. Mode Register
Bit
Bit
Location
Mnemonic
Description
0
DISHPF
The HFP (high-pass filter) in Channel 1 is disabled when this bit is set.
1
DISLPF2
The LPF (low-pass filter) after the multiplier (LPF2) is disabled when this bit is set.
2
DISCF
The Frequency output CF is disabled when this bit is set.
3
DISSAG
The line voltage sag detection is disabled when this bit is set.
4
ASUSPEND
By setting this bit to Logic 1, both ADE7759s A/D converters can be turned off. In normal opera-
tion, this bit should be left at Logic 0. All digital functionality can be stopped by suspending the
clock signal at CLKIN pin.
5
TEMPSEL
The temperature conversion starts when this bit is set to 1. This bit is automatically reset to
0 when the temperature conversion is finished.
6
SWRST
Software Chip Reset. A data transfer should not take place to the ADE7759 for at least 18
µs after
a software reset.
7
CYCMODE
Setting this bit to Logic 1, places the chip in Line Cycle Energy Accumulation mode.
8
DISCH1
ADC 1 (Channel 1) inputs are internally shorted together.
9
DISCH2
ADC 2 (Channel 2) inputs are internally shorted together.
10
SWAP
By setting this bit to Logic 1 the analog inputs V2P and V2N are connected to ADC 1 and the
analog inputs V1P and V1N are connected to ADC 2.
12, 11
DTRT1, 0
These bits are used to select the Waveform register update rate.
DTRT 1
DTRT0
Update Rate
0
0
27.9 kSPS (CLKIN/128)
0
1
14 kSPS (CLKIN/256)
1
0
7 kSPS (CLKIN/512)
1
1
3.5 kSPS (CLKIN/1024)
14, 13
WAVSEL1, 0
These bits are used to select the source of the sampled data for the Waveform register.
WAVSEL1, 0
Length
Source
0
0
24 bits
Active Power Signal (output of LPF2)
0
1
40 bits
Channel 1 and Channel 2
1
0
24 bits
Channel 1
1
1
24 bits
Channel 2
15
TEST1
Writing a Logic 1 to this bit position places the ADE7759 in test mode. This is intended for
factory testing only and should be left at 0.
Table V. Communications Register
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W/
R
0
0
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com