Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4116 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4116
Description  RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4116 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4116 Datasheet HTML 4Page - Analog Devices ADF4116 Datasheet HTML 5Page - Analog Devices ADF4116 Datasheet HTML 6Page - Analog Devices ADF4116 Datasheet HTML 7Page - Analog Devices ADF4116 Datasheet HTML 8Page - Analog Devices ADF4116 Datasheet HTML 9Page - Analog Devices ADF4116 Datasheet HTML 10Page - Analog Devices ADF4116 Datasheet HTML 11Page - Analog Devices ADF4116 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADF4116/ADF4117/ADF4118
–8–
REV. 0
–2MHz
–1MHz
+1MHz
+2MHz
VDD = 3V, VP = 5V
ICP = 1mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 3kHz
VIDEO BANDWIDTH = 3kHz
SWEEP = 1.4 SECONDS
AVERAGES = 4
REFERENCE
LEVEL = –9.3dBm
0
–50
–70
–80
–90
–10
–30
–60
–40
–20
–100
2800MHz
–77.3dBc
Figure 13. ADF4118 Reference Spurs (2800 MHz, 1 MHz,
100 kHz)
PHASE DETECTOR FREQUENCY – kHz
1
10000
100
1000
–175
–145
–150
–160
–170
–130
–135
10
–165
–155
–140
VDD = 3V
VP = 5V
Figure 14. ADF4118 Phase Noise (Referred to CP Out-
put) vs. PFD Frequency
–40
–60
–80
–90
–70
–100
TEMPERATURE – C
–20
0
204060
80
100
VDD = 3V
VP = 5V
Figure 15. ADF4118 Phase Noise vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
–40
–60
–80
–90
–70
–100
TEMPERATURE – C
–20
0
20
40
60
80
100
VDD = 3V
VP = 5V
Figure 16. ADF4118 Reference Spurs vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
0
5
–95
–105
TURNING VOLTAGE
1
VDD = 3V
VP = 5V
23
4
5
–85
–75
–65
–55
–45
–35
–25
–15
–5
Figure 17. ADF4118 Reference Spurs (200 kHz) vs.
VTUNE (900 MHz, 200 kHz, 20 kHz)
–60
–80
–90
–70
TEMPERATURE – C
0
20406080
100
VDD = 3V
VP = 5V
Figure 18. ADF4118 Phase Noise vs. Temperature
(836 MHz, 30 kHz, 3 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com